Electronic Components Datasheet Search
  English  ▼

X  

ACT845SMX-2 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT845SMX-2
Description  2 pad, cost competitive ceramic packaged, glass sealed crystal.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT845SMX-2 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT845SMX-2 Datasheet HTML 1Page - Advanced Crystal Technology ACT845SMX-2 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Symbol
Specification
Condition
10.0 ~ 48.0 MHz
Fundamental
48.0 ~ 80.0 MHz
Third Overtone
Frequency Tolerance
Δf/fo
±20ppm ~ 100ppm (@25°C±3°C )
Please refer to Table 2
Please Specify
Stability over Temp Range
Tc
±20ppm ~ 100ppm ( Ref to :25°C±3°C )Please refer to Table2
Please specify
Temp Operating Range
Topr
-10 ~ +70°C
Temp Storage Range
Tstg
-40 ~ +85°C
Equivalent Series Resistance
ESR
See Table 1
Load Capacitance
CL
10 ~ 30pF or Series Resonance
Please specify
Shunt Capacitance
C0
7pF max
Drive Level
DL
300
μW max. (100μW Typical)
Insulation Resistance
IR
500M
Ω min
@100V DC
Reflow Process
10 Seconds ( max) @260°C
Aging
Fa
±5ppm / year max
@25°C
Table 1
Table 2
Issue 3 H2
Date 28/10/05
Specification
80
ESR
Ω max
Frequency MHz
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT845SMX-2
For quotations or further information please contact us at:
Mode
Fundamental
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature & Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
3rd Overtone
Tolerance
±20ppm
±30ppm
48.0~84.0
±100ppm
Enquire
25°C
Fundamental
Enquire
50
70
Enquire
-10~+70°C
-40~+85°C
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Stability
The ACT845SMX-2 is a 2 pad, cost competitive ceramic packaged, glass sealed crystal. The package
provides for the durability and reliability, necessary for reflow processes. The pads are gold plated. With
its wide range of frequencies allowing for ease of circuit design, and with a good range of stabilities, it has
become one of the optimum choices for design engineers. (Available loose or reeled to suit low / high
volume requirements).
Applications include Microprocessor Systems, Instrumentation, Communications, Notebook & PCMCIA
and many more.
Frequency Range
fo
10.0~11.999
12.0~47.999
±50ppm
Please specify
Pad surface material Au
1 of 2


Similar Part No. - ACT845SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT845SMX-2 ACT-ACT845SMX-2_10 Datasheet
345Kb / 3P
2 pad, cost competitive ceramic packaged, glass sealed crystal.
14/12/2010
More results

Similar Description - ACT845SMX-2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2 Datasheet
145Kb / 2P
high quality, cost competitive ceramic
05-10-05
logo
QUARTZCOM the communica...
SMX-315 QUARTZCOM-SMX-315 Datasheet
105Kb / 1P
Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
SMX-415 QUARTZCOM-SMX-415 Datasheet
115Kb / 1P
Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2_12 Datasheet
126Kb / 3P
high quality, cost competitive ceramic
31-5-2012
ACT845SMX-2 ACT-ACT845SMX-2_10 Datasheet
345Kb / 3P
2 pad, cost competitive ceramic packaged, glass sealed crystal.
14/12/2010
logo
Suntsu Electronics, Inc...
SXT3G4 SUNTSU-SXT3G4 Datasheet
435Kb / 2P
Glass Sealed SMT 4 Pad Crystal
SXT5G2 SUNTSU-SXT5G2 Datasheet
322Kb / 2P
Glass Sealed SMT 2 Pad Crystal
SXT6G2 SUNTSU-SXT6G2 Datasheet
355Kb / 2P
Glass Sealed SMT 2 Pad Crystal
SXT8G2 SUNTSU-SXT8G2 Datasheet
395Kb / 2P
Glass Sealed SMT 2 Pad Crystal
SXT632 SUNTSU-SXT632 Datasheet
387Kb / 2P
Ceramic SMT 2 Pad Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com