Electronic Components Datasheet Search
  English  ▼

X  

LM2675 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2675
Description  SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2675 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2675 Datasheet HTML 14Page - National Semiconductor (TI) LM2675 Datasheet HTML 15Page - National Semiconductor (TI) LM2675 Datasheet HTML 16Page - National Semiconductor (TI) LM2675 Datasheet HTML 17Page - National Semiconductor (TI) LM2675 Datasheet HTML 18Page - National Semiconductor (TI) LM2675 Datasheet HTML 19Page - National Semiconductor (TI) LM2675 Datasheet HTML 20Page - National Semiconductor (TI) LM2675 Datasheet HTML 21Page - National Semiconductor (TI) LM2675 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LM2675 Series Buck Regulator Design Procedure (Adjustable Output)
(Continued)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt
• microsecond constant E • T(V •
µs), from the following formula:
A. Calculate the inductor Volt
• microsecond constant (E • T),
where V
SAT = internal switch saturation voltage = 0.25V and VD
= diode forward voltage drop = 0.5V
B. Use the E
• T value from the previous formula and match it
with the E
• T number on the vertical axis of the Inductor Value
Selection Guide shown in Figure 7.
B. E
• T = 21.6 (V • µs)
C. On the horizontal axis, select the maximum load current.
C. I
LOAD(max) = 1A
D. Identify the inductance region intersected by the E
• T value
and the Maximum Load Current value. Each region is identified
by an inductance value and an inductor code (LXX).
D. From the inductor value selection guide shown in Figure 7,
the inductance region intersected by the 21.6 (V
• µs) horizontal
line and the 1A vertical line is 68 µH, and the inductor code is
L30.
E. Select an appropriate inductor from the four manufacturer’s
part numbers listed in Figure 8. For information on the different
types of inductors, see the inductor selection in the fixed output
voltage design procedure.
E. From the table in Figure 8, locate line L30, and select an
inductor part number from the list of manufacturers part
numbers.
3. Output Capacitor Selection (C
OUT)
3. Output Capacitor SeIection (C
OUT)
A. Select an output capacitor from the capacitor code selection
guide in Figure 16. Using the inductance value found in the
inductor selection guide, step 1, locate the appropriate capacitor
code corresponding to the desired output voltage.
A. Use the appropriate row of the capacitor code selection
guide, in Figure 16. For this example, use the 15–20V row. The
capacitor code corresponding to an inductance of 68 µH is C20.
B. Select an appropriate capacitor value and voltage rating,
using the capacitor code, from the output capacitor selection
table in Figure 17. There are two solid tantalum (surface mount)
capacitor manufacturers and four electrolytic (through hole)
capacitor manufacturers to choose from. It is recommended that
both the manufacturers and the manufacturer’s series that are
listed in the table be used. A table listing the manufacturers’
phone numbers is located in Figure 11.
B. From the output capacitor selection table in Figure 17,
choose a capacitor value (and voltage rating) that intersects the
capacitor code(s) selected in section A, C20.
The capacitance and voltage rating values corresponding to the
capacitor code C20 are the:
Surface Mount:
33 µF/25V
Sprague 594D Series.
33 µF/25V
AVX TPS Series.
Through Hole:
33 µF/25V
Sanyo OS-CON SC Series.
120 µF/35V
Sanyo MV-GX Series.
120 µF/35V
Nichicon PL Series.
120 µF/35V
Panasonic HFQ Series.
Other manufacturers or other types of capacitors may also be
used, provided the capacitor specifications (especially the 100
kHz ESR) closely match the characteristics of the capacitors
listed in the output capacitor table. Refer to the capacitor
manufacturers’ data sheet for this information.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com