Electronic Components Datasheet Search
  English  ▼

X  

LM2675 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2675
Description  SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2675 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2675 Datasheet HTML 10Page - National Semiconductor (TI) LM2675 Datasheet HTML 11Page - National Semiconductor (TI) LM2675 Datasheet HTML 12Page - National Semiconductor (TI) LM2675 Datasheet HTML 13Page - National Semiconductor (TI) LM2675 Datasheet HTML 14Page - National Semiconductor (TI) LM2675 Datasheet HTML 15Page - National Semiconductor (TI) LM2675 Datasheet HTML 16Page - National Semiconductor (TI) LM2675 Datasheet HTML 17Page - National Semiconductor (TI) LM2675 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LM2675 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
Ind.
Ref.
Desg.
Inductance
(µH)
Current
(A)
Schott
Renco
Pulse Engineering
Coilcraft
Through
Surface
Through
Surface
Through
Surface
Surface
Hole
Mount
Hole
Mount
Hole
Mount
Mount
L4
68
0.32
67143940 67144310
RL-1284-68-43
RL1500-68
PE-53804 PE-53804-S DO1608-683
L5
47
0.37
67148310 67148420
RL-1284-47-43
RL1500-47
PE-53805 PE-53805-S DO1608-473
L6
33
0.44
67148320 67148430
RL-1284-33-43
RL1500-33
PE-53806 PE-53806-S DO1608-333
L7
22
0.52
67148330 67148440
RL-1284-22-43
RL1500-22
PE-53807 PE-53807-S DO1608-223
L9
220
0.32
67143960 67144330
RL-5470-3
RL1500-220 PE-53809 PE-53809-S DO3308-224
L10
150
0.39
67143970 67144340
RL-5470-4
RL1500-150 PE-53810 PE-53810-S DO3308-154
L11
100
0.48
67143980 67144350
RL-5470-5
RL1500-100 PE-53811 PE-53811-S DO3308-104
L12
68
0.58
67143990 67144360
RL-5470-6
RL1500-68
PE-53812 PE-53812-S DO3308-683
L13
47
0.70
67144000 67144380
RL-5470-7
RL1500-47
PE-53813 PE-53813-S DO3308-473
L14
33
0.83
67148340 67148450
RL-1284-33-43
RL1500-33
PE-53814 PE-53814-S DO3308-333
L15
22
0.99
67148350 67148460
RL-1284-22-43
RL1500-22
PE-53815 PE-53815-S DO3308-223
L18
220
0.55
67144040 67144420
RL-5471-2
RL1500-220 PE-53818 PE-53818-S DO3316-224
L19
150
0.66
67144050 67144430
RL-5471-3
RL1500-150 PE-53819 PE-53819-S DO3316-154
L20
100
0.82
67144060 67144440
RL-5471-4
RL1500-100 PE-53820 PE-53820-S DO3316-104
L21
68
0.99
67144070 67144450
RL-5471-5
RL1500-68
PE-53821 PE-53821-S DO3316-683
L22
47
1.17
67144080 67144460
RL-5471-6
—
PE-53822 PE-53822-S DO3316-473
L23
33
1.40
67144090 67144470
RL-5471-7
—
PE-53823 PE-53823-S DO3316-333
L24
22
1.70
67148370 67148480
RL-1283-22-43
—
PE-53824 PE-53824-S DO3316-223
L27
220
1.00
67144110 67144490
RL-5471-2
—
PE-53827 PE-53827-S
DO5022P-224
L28
150
1.20
67144120 67144500
RL-5471-3
—
PE-53828 PE-53828-S
DO5022P-154
L29
100
1.47
67144130 67144510
RL-5471-4
—
PE-53829 PE-53829-S
DO5022P-104
L30
68
1.78
67144140 67144520
RL-5471-5
—
PE-53830 PE-53830-S
DO5022P-683
FIGURE 8. Inductor Manufacturers’ Part Numbers
Coilcraft Inc.
Phone
(800) 322-2645
FAX
(708) 639-1469
Coilcraft Inc., Europe
Phone
+44 1236 730 595
FAX
+44 1236 730 627
Pulse Engineering Inc.
Phone
(619) 674-8100
FAX
(619) 674-8262
Pulse Engineering Inc.,
Phone
+353 93 24 107
Europe
FAX
+353 93 24 459
Renco Electronics Inc.
Phone
(800) 645-5828
FAX
(516) 586-5562
Schott Corp.
Phone
(612) 475-1173
FAX
(612) 475-1786
FIGURE 9. Inductor Manufacturers’ Phone Numbers
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com