Electronic Components Datasheet Search
  English  ▼

X  

RA2A2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA2A2
Description  Renesas Microcontrollers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA2A2 Datasheet HTML 17Page - Renesas Technology Corp RA2A2 Datasheet HTML 18Page - Renesas Technology Corp RA2A2 Datasheet HTML 19Page - Renesas Technology Corp RA2A2 Datasheet HTML 20Page - Renesas Technology Corp RA2A2 Datasheet HTML 21Page - Renesas Technology Corp RA2A2 Datasheet HTML 22Page - Renesas Technology Corp RA2A2 Datasheet HTML 23Page - Renesas Technology Corp RA2A2 Datasheet HTML 24Page - Renesas Technology Corp RA2A2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Table 2.1
Absolute maximum ratings (2 of 2)
Parameter
Symbol
Value
Unit
Analog input voltage
When AN000 to AN003 are used
VAN
-0.3 to AVCC + 0.3
V
When ANINn and ANIPn (n = 0 to 6) are used
-0.6 to AVCC + 0.3*7
V
LCD voltage
VL1 voltage
VL1
-0.3 to +2.1 and -0.3 to
VL4 + 0.3
V
VL2 voltage
VL2
-0.3 to +6.5
V
VL3 voltage
VL3
-0.3 to +6.5
V
VL4 voltage
VL4
-0.3 to +6.5
V
CAPL, CAPH voltage *8
VLCAP
-0.3 to VL4 + 0.3*5
V
COM0 to COM7, SEG0
to SEG44, output
voltage
External resistance
division method
VOUT
-0.3 to VCC + 0.3*5
V
Capacitor split method
(VCC reference)
-0.3 to VCC + 0.3*5
V
Capacitor split method
(VL4 reference)
-0.3 to VL4 + 0.3*5
V
Internal voltage boosting
method (VL1 reference)
-0.3 to VL4 + 0.3*5
V
Internal voltage boosting
method (VL2 reference)
-0.3 to VL4 + 0.3*5
V
Operating temperature*2 *3 *4
Topr
-40 to +105
°C
Storage temperature
Tstg
-55 to +125
°C
Note 1. Ports P410 and P411 are 5V-tolerant.
When the ports are used as the IIC function, there is no problem even if the input pull-up power supply while the device is not
powered. However, the current injection that results from input of such a signal or I/O pull-up might cause malfunction and the
abnormal current that passes in the device at this time might cause degradation of internal elements.
Note 2. See section 2.2.1. Tj/Ta Definition.
Note 3. Contact Renesas Electronics sales office for information on derating operation under Ta = +105°C.
Derating is the systematic reduction of load for improved reliability.
Note 4. The upper limit of the operating temperature is 105°C, depending on the product.
Note 5. Must be 6.5 V or lower.
Note 6. This value defines the absolute maximum rating of AREGC, AVCM, and AVRT terminal. Do not use with voltage applied.
Note 7. The SDADC24 conversion target pin must not exceed AREGC +0.3 V.
Note 8. When using the internal voltage boosting method or capacitance split method, connect these VL1 to VL4 pins to VSS with a
capacitor (0.47 µF ± 30%), and connect a capacitor (0.47 µF ± 30%) between the CAPL and CAPH pins.
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors with high frequency
characteristics between the VCC and VSS pins, between the AVCC and AVSS pins, and between the
VREFH0 and VREFL0 pins when VREFH0 is selected as the high potential reference voltage for the
ADC12. Place capacitors of the following value as close as possible to every power supply pin and use
the shortest and heaviest possible traces:
● VCC and VSS: about 0.1 µF
● VRTC and VSS: about 0.1 µF
● AVCC and AVSS: about 0.1 µF and 10 µF in parallel
● VREFH0 and VREFL0: about 0.1 µF
Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin by a 4.7 µF capacitor. Each capacitor must be placed close to the pin.
● VCL and VSS: 4.7 µF
● AREGC and AVSS: 0.47 µF
● AVCM and AVSS: 0.47 µF
● AVRT and AVSS: 0.47 µF
RA2A2 Datasheet
2. Electrical Characteristics
R01DS0418EJ0130 Rev.1.30
Nov 8, 2025
Page 21 of 116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com