Electronic Components Datasheet Search
  English  ▼

X  

STG3699B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG3699B
Description  Low voltage 0.5max, quad SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG3699B Datasheet HTML 3Page - STMicroelectronics STG3699B Datasheet HTML 4Page - STMicroelectronics STG3699B Datasheet HTML 5Page - STMicroelectronics STG3699B Datasheet HTML 6Page - STMicroelectronics STG3699B Datasheet HTML 7Page - STMicroelectronics STG3699B Datasheet HTML 8Page - STMicroelectronics STG3699B Datasheet HTML 9Page - STMicroelectronics STG3699B Datasheet HTML 10Page - STMicroelectronics STG3699B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STG3699B
DC and AC parameters
7/18
IIN
Input
leakage
current
0–4.3
VIN = 0 to 4.3V
±0.1
±1
μA
ICC
Quiescent
supply
current
1.65 – 4.3
VIN =VCC or
GND
±0.05
±0.2
±1
μA
ICCLV
Quiescent
supply
current low
voltage
driving
4.3
V1-2IN,
V3-4IN =1.65V
±37
±50
±100
μA
V1-2IN,
V3-4IN =1.80V
±33
±40
±50
V1-2IN,
V3-4IN = 2.60 V
±12
±20
±30
1.
ΔRON =RON(Max) –RON(Min)
2.
Flatness is defined as the difference between the maximum and minimum value of ON resistance as measured over the
specified analog signal ranges.
Table 6.
DC specification (continued)
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
Table 7.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤5ns)
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
tPLH,tPHL
Propagation
delay
1.65 – 1.95
VI = OPEN
0.45
ns
2.3 – 2.7
0.40
3.0 – 3.3
0.30
3.6 – 4.3
0.30
tON
Turn-ON time
1.65 – 1.95
VS =0.8 V
120
ns
2.3–2.7
VS =1.5 V
45
55
65
3.0 – 3.3
42
55
65
3.6 – 4.3
40
55
65
tOFF
Turn-OFF
time
1.65 – 1.95
VS =0.8 V
22
ns
2.3–2.7
VS = 1.5 V
18
30
40
3.0 – 3.3
16
30
40
3.6 – 4.3
15
30
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com