Electronic Components Datasheet Search
  English  ▼

X  

STG3699B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3699B
Description  Low voltage 0.5max, quad SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699B Datasheet(HTML) 1 Page - STMicroelectronics

  STG3699B Datasheet HTML 1Page - STMicroelectronics STG3699B Datasheet HTML 2Page - STMicroelectronics STG3699B Datasheet HTML 3Page - STMicroelectronics STG3699B Datasheet HTML 4Page - STMicroelectronics STG3699B Datasheet HTML 5Page - STMicroelectronics STG3699B Datasheet HTML 6Page - STMicroelectronics STG3699B Datasheet HTML 7Page - STMicroelectronics STG3699B Datasheet HTML 8Page - STMicroelectronics STG3699B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2007
Rev 6
1/18
18
STG3699B
Low voltage 0.5
Ω max, quad SPDT switch
with break-before-make feature
Features
High speed:
–tPD = 1.5 ns (typ.) at VCC = 3.0 V
–tPD = 1.5 ns (typ.) at VCC = 2.3 V
Ultra low power dissipation:
–ICC =0.2 μA (max.) at TA =85°C
Low ON resistance VIN =0 V:
–RON =0.50 Ω (max. TA = 25°C) at
VCC =4.3 V
–RON =0.55 Ω (max. TA = 25°C) at
VCC =3.0 V
–RON =0.55 Ω (max. TA = 25°C) at
VCC =2.7 V
Wide operating voltage range:
–VCC (OPR) = 1.65 to 4.3 V single supply
4.3 V tolerant and 1.8 V compatible thresholds
on digital control input at VCC = 2.3 to 3.0 V
Latch-up performance exceed 300 mA
(JESD 17)
ESD performance (analog chan. vs. GND):
HBM > 2 kV (MIL STD 883 method 3015)
Description
The STG3699B is a high-speed CMOS low
voltage quad analog SPDT (single-pole double-
throw) switch or 2:1 multiplexer/demultiplexer
switch fabricated using silicon gate C2MOS
technology. Designed to operate from 1.65 to
4.3 V, this device is ideal for portable applications.
It offers very low ON resistance (RON <0.5 Ω) at
VCC = 3.0 V. The nIN inputs are provided to
control the independent channel switches nS1
and nS2. The switches nS1 are ON (connected to
common ports Dn) when the nIN input is held high
and OFF (state of high impedance exists between
the two ports) when nIN is held low. The switches
nS2 are ON (connected to common ports Dn)
when the nIN input is held low and OFF (state of
high impedance exists between the two ports)
when IN is held high. Additional key features are
fast switching speed, break-before-make delay
time and ultra low power consumption. All inputs
and outputs are equipped with protection circuits
against static discharge, giving them ESD and
excess transient voltage immunity.
The STG3699B is available in the commercial
temperature range of -40to125°C in a QFN16L,
2.6 x 1.8 mm package.
QFN16L (2.6 x 1.8 mm)
www.st.com
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STG3699BVTR
–40 to 125°C
QFN16L (2.6 x 1.8 mm)
Tape and reel


Similar Part No. - STG3699B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699BVTR STMICROELECTRONICS-STG3699BVTR Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
More results

Similar Description - STG3699B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com