Electronic Components Datasheet Search
  English  ▼

X  

STG3699BVTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3699BVTR
Description  Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699BVTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3699BVTR Datasheet HTML 2Page - STMicroelectronics STG3699BVTR Datasheet HTML 3Page - STMicroelectronics STG3699BVTR Datasheet HTML 4Page - STMicroelectronics STG3699BVTR Datasheet HTML 5Page - STMicroelectronics STG3699BVTR Datasheet HTML 6Page - STMicroelectronics STG3699BVTR Datasheet HTML 7Page - STMicroelectronics STG3699BVTR Datasheet HTML 8Page - STMicroelectronics STG3699BVTR Datasheet HTML 9Page - STMicroelectronics STG3699BVTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DC and AC parameters
STG3699B
6/18
3
DC and AC parameters
Table 6.
DC specification
Symbol
Parameter
VCC
(V)
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
VIH
High level
input voltage
1.65–1.95
0.65
VCC
0.65
VCC
0.65
VCC
V
2.3 – 2.5
1.2
1.2
1.2
2.7 – 3.0
1.3
1.3
1.3
3.3
1.4
1.4
1.4
3.6
1.5
1.5
1.5
4.3
1.6
1.6
1.6
VIL
Low level
input voltage
1.65 – 1.95
0.25
0.25
0.25
V
2.3 – 2.5
0.25
0.25
0.25
2.7 – 3.0
0.25
0.25
0.25
3.3
0.30
0.30
0.30
3.6
0.30
0.30
0.30
4.3
0.40
0.40
0.40
RON
Switch ON
resistance
4.3
VS =0 V to
VCC
IS = 100 mA
0.35
0.50
0.60
Ω
3.0
0.45
0.55
0.65
2.7
0.45
0.55
0.65
2.3
0.45
0.70
0.80
1.8
0.55
1.5
2.0
1.65
0.65
1.5
2.0
ΔRON
ON
resistance
match
between
channels (1)
2.7
VS at RON max
IS =100 mA
0.15
Ω
RFLAT
ON
resistance
flatness (2)
4.3
VS =0 V to
VCC
IS =100 mA
0.15
0.20
0.20
Ω
3.0
0.20
0.25
0.25
2.7
0.20
0.25
0.25
2.3
0.20
0.25
0.25
1.65
0.32
0.42
0.42
IOFF
OFF state
leakage
current
(nSn), (Dn)
4.3
VS = 0.3 or 4 V
±20
±100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com