Electronic Components Datasheet Search
  English  ▼

X  

STG3699BVTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3699BVTR
Description  Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3699BVTR Datasheet(HTML) 5 Page - STMicroelectronics

  STG3699BVTR Datasheet HTML 1Page - STMicroelectronics STG3699BVTR Datasheet HTML 2Page - STMicroelectronics STG3699BVTR Datasheet HTML 3Page - STMicroelectronics STG3699BVTR Datasheet HTML 4Page - STMicroelectronics STG3699BVTR Datasheet HTML 5Page - STMicroelectronics STG3699BVTR Datasheet HTML 6Page - STMicroelectronics STG3699BVTR Datasheet HTML 7Page - STMicroelectronics STG3699BVTR Datasheet HTML 8Page - STMicroelectronics STG3699BVTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STG3699B
Maximum rating
5/18
2
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
–0.5 to 5.5
V
VI
DC input voltage
–0.5 to VCC + 0.5
V
VIC
DC control input voltage
–0.5 to 5.5
V
VO
DC output voltage
–0.5 to VCC +0.5
V
IIKC
DC input diode current on control pin (VIN <0V)
–50
mA
IIK
DC input diode current (VIN <0V)
±50
mA
IOK
DC output diode current
±50
mA
IO
DC output current
±300
mA
IOP
DC output current peak (pulse at 1 ms, 10% duty
cycle)
±500
mA
ICC or IGND DC VCC or ground current
±100
mA
PD
Power dissipation at TA =70°C
(1)
1.
Derate above 70°C: by 18.5mW/°C.
1120
mW
TSTG
Storage temperature
–65 to 150
°C
TL
Lead temperature (10 sec)
300
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (truth table guaranteed: 1.2 to 4.3 V)
1.65 to 4.3
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to 4.3
V
VO
Output voltage
0 to VCC
V
TOP
Operating temperature
–55 to 125
° C
dt/dv
Input rise and fall time control
input
VCC = 1.65 to 2.7 V
0 to 20
ns/V
VCC = 3.0 to 4.3 V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com