Electronic Components Datasheet Search
  English  ▼

X  

RA2E3 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RA2E3
Description  Renesas Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E3 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RA2E3 Datasheet HTML 35Page - Renesas Technology Corp RA2E3 Datasheet HTML 36Page - Renesas Technology Corp RA2E3 Datasheet HTML 37Page - Renesas Technology Corp RA2E3 Datasheet HTML 38Page - Renesas Technology Corp RA2E3 Datasheet HTML 39Page - Renesas Technology Corp RA2E3 Datasheet HTML 40Page - Renesas Technology Corp RA2E3 Datasheet HTML 41Page - Renesas Technology Corp RA2E3 Datasheet HTML 42Page - Renesas Technology Corp RA2E3 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Table 2.31
SCI timing (2) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Max
Unit*1
Test
conditions
Simple
SPI
SCK clock cycle output
(master)
2.7 V ≤ VCC ≤ 5.5 V
tSPcyc
125
—
ns
Figure 2.22
2.4 V ≤ VCC < 2.7 V
250
—
1.8 V ≤ VCC < 2.4 V
500
—
1.6 V ≤ VCC < 1.8 V
1000
—
SCK clock cycle input
(slave)
2.7 V ≤ VCC ≤ 5.5 V
187.5
—
2.4 V ≤ VCC < 2.7 V
375
—
1.8 V ≤ VCC < 2.4 V
750
—
1.6 V ≤ VCC < 1.8 V
1500
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise and fall
time
1.8 V ≤ VCC ≤ 5.5 V
tSPCKr,
tSPCKf
—
20
ns
1.6 V ≤ VCC < 1.8 V
—
30
Data input
setup time
Master
2.7 V ≤ VCC ≤ 5.5 V
tSU
45
—
ns
Figure 2.23 to
Figure 2.26
2.4 V ≤ VCC < 2.7 V
55
—
1.8 V ≤ VCC < 2.4 V
80
—
1.6 V ≤ VCC < 1.8 V
110
—
Slave
2.7 V ≤ VCC ≤ 5.5 V
40
—
1.6 V ≤ VCC < 2.7 V
45
—
Data input
hold time
Master
tH
33.3
—
ns
Slave
40
—
SS input setup time
tLEAD
1
—
tSPcyc
SS input hold time
tLAG
1
—
tSPcyc
Data output
delay time
Master
1.8 V ≤ VCC ≤ 5.5 V
tOD
—
40
ns
1.6 V ≤ VCC < 1.8 V
—
50
Slave
2.4 V ≤ VCC ≤ 5.5 V
—
65
1.8 V ≤ VCC < 2.4 V
—
100
1.6 V ≤ VCC < 1.8 V
—
125
Data output
hold time
Master
2.7 V ≤ VCC ≤ 5.5 V
tOH
-10
—
ns
2.4 V ≤ VCC < 2.7 V
-20
—
1.8 V ≤ VCC < 2.4 V
-30
—
1.6 V ≤ VCC < 1.8 V
-40
—
Slave
-10
—
Data rise and
fall time
Master
1.8 V ≤ VCC ≤ 5.5 V
tDr, tDf
—
20
ns
1.6 V ≤ VCC < 1.8 V
—
30
Slave
1.8 V ≤ VCC ≤ 5.5 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
RA2E3 Datasheet
2. Electrical Characteristics
R01DS0411EJ0130 Rev.1.30
Nov 8, 2025
Page 39 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com