Electronic Components Datasheet Search
  English  ▼

X  

RA2E3 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RA2E3
Description  Renesas Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2E3 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RA2E3 Datasheet HTML 20Page - Renesas Technology Corp RA2E3 Datasheet HTML 21Page - Renesas Technology Corp RA2E3 Datasheet HTML 22Page - Renesas Technology Corp RA2E3 Datasheet HTML 23Page - Renesas Technology Corp RA2E3 Datasheet HTML 24Page - Renesas Technology Corp RA2E3 Datasheet HTML 25Page - Renesas Technology Corp RA2E3 Datasheet HTML 26Page - Renesas Technology Corp RA2E3 Datasheet HTML 27Page - Renesas Technology Corp RA2E3 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
Table 2.11
Operating and standby current (2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*3
Max
Unit
Test conditions
Supply
current*1
Software
Standby
mode*2
Peripheral
modules
stop
All SRAMs
(0x2000_4000 to
0x2000_7FFF) are on
Ta = 25°C
ICC
0.25
1.3
µA
—
Ta = 55°C
0.55
3.7
Ta = 85°C
1.95
12
Ta = 105°C
3.90
42
Only 8KB SRAM
(0x2000_4000 to
0x2000_5FFF) is on
Ta = 25°C
0.25
1.3
Ta = 55°C
0.55
3.7
Ta = 85°C
1.70
12
Ta = 105°C
3.55
42
Increment for RTC operation with low-speed on-chip
oscillator*4
0.30
—
—
Increment for RTC operation in normal operation
mode with sub-clock oscillator*4
0.20
—
SOMCR.SODRV[1:0]
are 11b (Low power
mode 3)
RCR4.ROPSEL is 0
(RTC operation in
normal operation mode)
0.95
—
SOMCR.SODRV[1:0]
are 00b (normal mode)
RCR4.ROPSEL is 0
(RTC operation in
normal operation mode)
Increment for RTC operation in low-consumption
clock mode with sub-clock oscillator*4
0.11
—
SOMCR.SODRV[1:0]
are 11b (Low power
mode 3)
RCR4.ROPSEL is 1
(RTC operation in
low-consumption clock
mode)
0.90
—
SOMCR.SODRV[1:0]
are 00b (normal mode)
RCR4.ROPSEL is 1
(RTC operation in
low-consumption clock
mode)
Note 1. Supply current is the total current flowing into VCC. Supply current values apply when internal pull-up MOSs are in the off state and
these values do not include output charge/discharge current from any of the pins.
Note 2. The IWDT and LVD are not operating.
Note 3. VCC = 3.3 V.
Note 4. Includes the low-speed on-chip oscillator or sub-oscillation circuit current.
Table 2.12
Operating and standby current (3)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Analog power
supply current
During 12-bit A/D conversion (at high-speed
A/D conversion mode)
IAVCC0
—
—
1.44
mA
—
During 12-bit A/D conversion (at low-power
A/D conversion mode)
—
—
0.78
mA
—
Waiting for 12-bit A/D conversion (all units)*1
—
—
1.0
µA
—
Reference
power supply
current
During 12-bit A/D conversion
IREFH0
—
—
120
µA
—
Waiting for 12-bit A/D conversion
—
—
60
nA
—
Temperature Sensor (TSN) operating current
ITNS
—
95
—
µA
—
Note 1. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (ADC120 module-stop bit) is in the module-stop state.
RA2E3 Datasheet
2. Electrical Characteristics
R01DS0411EJ0130 Rev.1.30
Nov 8, 2025
Page 24 of 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com