Electronic Components Datasheet Search
  English  ▼

X  

ACTMPX11-6 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTMPX11-6
Description  LVPECL Saw Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTMPX11-6 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTMPX11-6 Datasheet HTML 1Page - Advanced Crystal Technology ACTMPX11-6 Datasheet HTML 2Page - Advanced Crystal Technology ACTMPX11-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Jitter for centre frequency 312.5MHz
Wave Form 312.5MHz Centre Frequency
Fax :
0044 (0)118 979 1283
Tel :
0044 (0)118 979 1238
email :
info@actcrystals.com
ACTMPX11-6 MAXIMUM REFLOW PROFILE
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Time measurements
Period
3.201642ns
Minimum
3195109ns
Maximum
3.208157ns
1 sigma
2.467ps
Peak to Peak
13.049ps
Hits
300
Frequency
312.50112342MHz
Duty Cycle
49.41%
DC Voltages
Vstart
-0.001953V
Vstop
-0.001953V
Vp-p
1.441406V
Vmax
0.71875V
Vmin
-0.722656V
High Frequency Modulation Summary
Mean
Min
Max
Pk-Pk
1-Sigma
1.673ps 0.885ps
2.358ps 1.473ps
Pk-Pk
6.477ps 4.547ps
10.004ps 5.457ps
PJ
Freq
RJ
1-clock(peak)
270.056s 19639296MHz
151.489fs
N-Clock(Pk-Pk)
1.686ps
472.553993kHz
0.536ps
V1
V2
-0.001953V
-0.001953V
3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com