Electronic Components Datasheet Search
  English  ▼

X  

ACTMPX11-6 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTMPX11-6
Description  LVPECL Saw Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTMPX11-6 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTMPX11-6 Datasheet HTML 1Page - Advanced Crystal Technology ACTMPX11-6 Datasheet HTML 2Page - Advanced Crystal Technology ACTMPX11-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Supply Current (max)
Iop
Rise & Fall Time (max)
TrTf
Jitter
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
Dimensions (mm)
Phase Noise
311.040 MHz, 312.500 MHz,400.00MHz, 622.080MHz, 625.00MHz
-98dBc/Hz
-125dBc/Hz
-130dBc/Hz
-135dBc/Hz
Topr
Tstg
VDD -1.025Vdc min
800pS max
http://www.actcrystals.com
The ACT MPX11-6 is a PCB Based, SMD, LVPECL Saw oscillator. This 14 x10.3mm device can be
used in a wide range of applications, especially where a high fundamental frequency with low phase
noise and jitter are required. This device is offered in a range of standard, frequencies from
311.04~625.0 MHz, common to communications applications.( SONET / SDH etc.. ) The devices ar
available reeled ( 500 pcs ) or loose to suit high/low volume requirements.
Please specify
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range,
Specification
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACTMPX11-6 LVPECL Saw Oscillator
Parameter
Tw/t
fo
Δf/fo
Supply Voltage
Frequency Range
Symbol
-55 to +125°C
Aging
N/CL
Fa
VDD-2.0Vdc to 50 ohm
Output Load
Frequency Stability
±25ppm ~ ±50ppm
Output Level ‘0’
Temp Operating Range
Temp Storage Range
0 ~ +70°C Std
( -40 ~ +85°C available)
VOL
45/55%
Duty Cycle
Output Level ‘1’
VOH
VDD
130mA max
VDD-1.620Vdcmax
Condition
Please specify
Please specify
3.3VDC ± 10%
Specification
12kHz to 20MHz
1.0pS max
-65dBc/Hz
@25°C
±3ppm / year
Tri-state
N/C
Ground
Output
Complementary Output
Vdd
#1
#2
#3
#4
#5
#6
Pin Connection
Pad surface material Au
1 of 3


Similar Part No. - ACTMPX11-6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACT ABRACON-ACT Datasheet
410Kb / 1P
CRYSTAL CLOCK OSCILLATORS
logo
TDK Electronics
ACT TDK-ACT Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
logo
Magnelab.
ACT-0024-100 MAGNELAB-ACT-0024-100 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
ACT-0024-100-1A MAGNELAB-ACT-0024-100-1A Datasheet
214Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-100/1A, 1 Amp Output
ACT-0024-200 MAGNELAB-ACT-0024-200 Datasheet
153Kb / 1P
Split-Core AC Current Output Transformer ACT-0024-XXX, 5 Amp Output
More results

Similar Description - ACTMPX11-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
LVPECL OSCILLATOR
16/08/05
logo
Crystek Corporation
CVS575 CRYSTEKCRYSTAL-CVS575 Datasheet
620Kb / 2P
Voltage Controlled SAW Oscillator 3.3V LVPECL 5x7.5mm SMD
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
CAEZ-A5BP22.5792TS ETC2-CAEZ-A5BP22.5792TS Datasheet
52Kb / 1P
LVPECL Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TS0005A TAI-SAW-TS0005A Datasheet
375Kb / 7P
SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
SMD 5.0x7.0 LVPECL SAW OSCILLATOR
TS0019A TAI-SAW-TS0019A Datasheet
404Kb / 7P
SMD 7.0x5.0 LVPECL SAW OSCILLATOR
logo
Fox Electronics
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
LVPECL CRYSTAL OSCILLATOR
KOPM AITSEMI-KOPM Datasheet
241Kb / 1P
LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com