| Electronic Components Datasheet Search |
|
AM261...ZCZ Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 218 page ![]() Note Configuring two pins to the same pin multiplexed signal function is not supported as this yields unexpected results. Issues can be easily prevented with the proper software configuration. When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that pad’s behavior is undefined. This must be avoided. 13. Buffer Type: This column defines the buffer type associated with a terminal. This information can be used to determine the applicable Electrical Characteristics table. • An empty box, NA, or "-" means Not Applicable. For electrical characteristics, refer to the appropriate buffer type table in Electrical Characteristics. 14. Pad Configuration Register Name: This is the name of the device pad/pin configuration register. 15. Pad Configuration Register Address: This is the memory address of the device pad/pin configuration register. 16. Pad Configuration Register Default Value: This is the default value of the register device pad/pin configuration register after PORz is deasserted. www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 19 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |