| Electronic Components Datasheet Search |
|
AM261...ZCZ Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 218 page ![]() Table 5-47. PRU-ICSS IEP Signal Descriptions (continued) Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] PR0_IEP0_EDC_SYNC_OU T1 O PRU-ICSS Industrial Ethernet Distributed Clock Sync Output A16, F17, N17 A19, J19, T19 C16, E15, M15 T18 PR0_IEP0_EDIO_DATA_IN_ OUT30 IO PRU-ICSS Industrial Ethernet Digital I/O Data Input/Output D13, D17, P2 B17, E19, U2 C14, P3 T1 PR0_IEP0_EDIO_DATA_IN_ OUT31 IO PRU-ICSS Industrial Ethernet Digital I/O Data Input/Output C15, C18 C19, E20 B17 PR1_IEP0_EDC_SYNC_OU T0 O PRU-ICSS Industrial Ethernet Distributed Clock Sync Output B14, U18 A16, Y19 D13, R16 B15, W18 PR1_IEP0_EDC_SYNC_OU T1 O PRU-ICSS Industrial Ethernet Distributed Clock Sync Output B15, N17 A18, T19 B16, M15 A17, T18 PR1_IEP0_EDIO_DATA_IN_ OUT30 IO PRU-ICSS Industrial Ethernet Digital I/O Data Input/Output C12, N18 C14, U20 C12, L15 A14, R18 PR1_IEP0_EDIO_DATA_IN_ OUT31 IO PRU-ICSS Industrial Ethernet Digital I/O Data Input/Output A14, T18 B16, W19 C13, N14 A15, V18 Table 5-48. PRU-ICSS MDIO Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] PR0_MDIO0_MDC O PRU-ICSS MDIO Clock L18 R20 K16 P19 PR0_MDIO0_MDIO IO PRU-ICSS MDIO Data L17 R19 K15 N17 PR1_MDIO0_MDC O PRU-ICSS MDIO Clock A4, C13 A17, A6 A14 A16 PR1_MDIO0_MDIO IO PRU-ICSS MDIO Data B15, B6 A18, B7 B16 A17 Table 5-49. PRU-ICSS UART Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] PR0_UART0_CTSn I PRU-ICSS UART Clear to Send (Active Low) F17 J19 E15 PR0_UART0_RTSn O PRU-ICSS UART Request to Send (Active Low) G18 J20 E16 J18 PR0_UART0_RXD I PRU-ICSS UART Receive Data C18 E20 PR0_UART0_TXD O PRU-ICSS UART Transmit Data D17 E19 PR1_UART0_CTSn I PRU-ICSS UART Clear to Send (Active Low) B16 B19 C15 PR1_UART0_RTSn O PRU-ICSS UART Request to Send (Active Low) D14 C16 A15 PR1_UART0_RXD I PRU-ICSS UART Receive Data A16 A19 C16 PR1_UART0_TXD O PRU-ICSS UART Transmit Data D13 B17 C14 5.3.19 SDFM Table 5-50. SDFM0 Signal Descriptions Signal Name [1] Pin Type [2] Description [3] ZCZ PIN [4] ZFG PIN [4] ZEJ PIN [4] ZNC PIN [4] SDFM0_CLK0 I SDFM Channel 0 Clock B16 B19 C15 SDFM0_CLK1 I SDFM Channel 1 Clock A16 A19 C16 SDFM0_CLK2 I SDFM Channel 2 Clock B15 A18 B16 A17 www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 75 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |