| Electronic Components Datasheet Search |
|
AM261...ZCZ Datasheet(PDF) 106 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Datasheet(HTML) 106 Page - Texas Instruments |
|
106 / 218 page ![]() 6.11.3 System Timing For more details about features and additional description information on the subsystem multiplexing signals, see the corresponding subsections within the device specific TRM. 6.11.3.1 System Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input Slew Rate 0.5 2 V/ns OUTPUT CONDITIONS CL Output Load Capacitance 3 30 pF 6.11.3.2 Reset Timing Tables and figures provided in this section define timing requirements and switching characteristics for reset related signals. 6.11.3.2.1 PORz Timing Requirements NO. PARAMETER DESCRIPTION MIN MAX UNIT RST1 th(SUPPLIES_VALID- PORz) Hold time, PORz active (low) at Power-up after supplies valid (using external crystal) 0 ns RST3 tw(PORzL) Pulse Width minimum, PORz low after Power-up (without removal of Power or system reference clock XTAL_XI/XO) 1000 ns PORz RST1 RST3 ALL SUPPLIES VALID Figure 6-4. PORz Timing Requirements 6.11.3.2.2 WARMRSTn Switching Characteristics NO. PARAMETER DESCRIPTION MIN MAX UNIT RST4 td(PORzL:- WARMRSTnZ) Delay time, PORz active (low) to WARMRSTn high impedance 0 0 ns RST5 td(PORzH- WARMRSTnL) Delay time, PORz inactive (high) to WARMRSTn active (low) 0 0 ns RST6 td(PORzH- WARMRSTnH) Delay time, PORz inactive (high) to WARMRSTn inactive (high) 2000000 6000000 ns AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 106 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |