| Electronic Components Datasheet Search |
|
AM261...ZCZ Datasheet(PDF) 122 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZ Datasheet(HTML) 122 Page - Texas Instruments |
|
122 / 218 page ![]() NO. PARAMETER DESCRIPTION MIN MAX UNIT FSIR_TD M1 tskew(RX_CLK-TX_TDM_D) Delay skew between FSIRXn_TDM_CLK delay and FSIRXn_TDM_D[0:1] –3 3 ns FSIR_TD M2 tskew(RX_CLK- TX_TDM_CLK) Delay time, FSIRXn_CLK input to FSITXn_TDM_CLK output 2 12 ns FSIR_TD M3 tskew(RX_D0-TX_TDM_D0) Delay time, FSIRXn_D0 input to FSITXn_TDM_D0 output 2 12 ns FSIR_TD M4 tskew(RX_D1-TX_TDM_D1) Delay time, FSIRXn_D1 input to FSITXn_TDM_D1 output 2 12 ns 6.11.5.5.4 FSITX Switching Characteristics NO. PARAMETER DESCRIPTION MIN MAX UNIT FSIT1 tc(TX_CLK) Cycle time, FSITXn_CLK 16.67 ns FSIT2 tw(TX_CLK) Pulse width, FSITXn_CLK low or FSITXn_CLK high 0.5P(1) – 1 0.5P(1) + 1 ns FSIT3 td(TX_CLK-TX_D) Delay time, FSITXn_Dx valid after FSITXn_CLK high or FSITXn_CLK low 0.25P(1) – 2 0.25P(1) + 2 ns FSIT4 td(TXCLKL) FSITXn_CLK delay compensation at TX_DLYLINE_CTRL[TXCLK_DLY]=31 9.95 30 ns FSIT5 td(TX_D0) FSITXn_D0 delay compensation at TX_DLYLINE_CTRL[TXCLK_DLY]=31 9.95 30 ns FSIT6 td(TX_D1) FSITXn_D1 delay compensation at TX_DLYLINE_CTRL[TXCLK_DLY]=31 9.95 30 ns FSIT7 td(TX_DELAY_ELEMENT) Incremental delay of each delay line element for FSITXn_CLK, FSITXn_D0, and FSITXn_D1 0.3 1 ns FSIT_TD M1 tskew(TX_TDM_CLK- TX_TDM_D) Delay skew introduced between FSITXn_TDM_CLK delay and FSITXn_TDM_D[0:1] delays –2.5 2.5 ns FSIT_TD M2 tskew(TX_TDM_CLK- TX_CLK) Delay time, FSITXn_TDM_CLK input to FSITXn_CLK output 2 12 ns FSIT_TD M3 tskew(TX_TDM_D0-TX_D0) Delay time, FSITXn_TDM_D0 input to FSITXn_D0 output 2 12 ns FSIT_TD M4 tskew(TX_TDM_D1-TX_D1) Delay time, FSITXn_TDM_D1 input to FSITXn_D1 output 2 12 ns (1) P = tc(TX_CLK) = FSITX Interface clock period in ns. FSI_TXn_CLK FSIT2 FSIT1 FSIT3 FSI_TXn_D0 FSI_TXn_D1 FSIT2 FSIT1 Figure 6-24. FSI Switching Characteristics - FSI Mode AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 122 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |