Electronic Components Datasheet Search
  English  ▼

X  

DIO58020 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58020
Description  10 to 300 mA, Single Cell Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58020 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO58020 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DIO58020
Version 1.4, Mar 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
8. Function Description
8.1. Operation modes
8.1.1. Sleep mode
The DIO58020 series enter the low-power sleep mode if the VIN is removed from the circuit (for example,
when EN = 0).
8.1.2. Charge mode
A charge cycle begins when the voltage at the VIN pin rises above the UVLO threshold level and a program
resistor with 1% accuracy is connected from the ISET pin to ground or when a battery is connected to the
charger output. If the BAT pin is less than 2.5 V, the charger enters trickle charge mode. In this mode, the
series of DIO58020 supplies approximately 1/10 the programmed charge current to bring the battery
voltage up to a safe level for full current charging.
The device enters constant-current (CC) mode when the BAT pin voltage rises above 2.5 V. In this mode,
the programmed charge current is supplied to the battery. The program resistor and the charge current of
constant current are calculated using the equation (1).
200
R
V
1
I
ISET
BATCHRG
×
=
(1)
The device enters constant-voltage (CV) mode when the BAT pin approaches the final float voltage, and
the charge current begins to decrease. The charge cycle ends when the IBF voltage is less than 500 mV.
The terminal current is programmed using a single resistor from the IBF pin to ground. When the IBF pin
voltage falls below 500 mV for longer than tTERM, charging cycle is terminated. The charge current is latched
off and the series of DIO58020 enters standby status. In this status, all loads on the BAT pin must be
supplied by the battery. The range of RIBF is recommend: 10×RISET < RIBF < 30×RISET. Please refer to Table 4
for more details.
Table 4. RIBF vs. Icharge_terminated
VIN = 5 V, RISET = 2 kΩ
RIBF / kΩ
Icharge_terminated /mA (Typ.)
0.5C
1C
2C
3C
62
0.805
1.61
3.22
4.83
43
1.165
2.33
4.66
6.99
30
1.665
3.33
6.66
9.99
24
2.085
4.17
8.34
12.51
20
2.50
5.00
10.00
15.00
10
5.00
10.00
20.00
30.00
6.19
8.08
16.16
32.32
48.48
5.1
9.805
19.61
39.22
58.83
4.3
11.63
23.26
46.52
69.78
3.3
15.15
30.30
60.6
90.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com