Electronic Components Datasheet Search
  English  ▼

X  

DIO58020 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO58020
Description  10 to 300 mA, Single Cell Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO58020 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO58020 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO58020 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DIO58020
Version 1.4, Mar 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
The device enters constant-temperature (CT) mode when the die temperature attempts to rise above the
preset value of approximately 130°C. At this point, an internal thermal feedback loop reduces the
programmed charge current. This feature protects the DIO58020 series from excessive temperature,
allowing the user to push the limits of the power handling capability of a given circuit board without the risk
of damaging the DIO58020 series
.
8.1.3. Automatic recharge mode
The device also has automatic recharge mode. Once the charge cycle is terminated, the series of
DIO58020 continuously monitors the voltage on the BAT pin using a comparator with a 6 ms filter time
(tRECHRG). A charge cycle restarts when the battery voltage falls below 4.25 V / 4.215 V / 4.2 V / 4.05 V (Typ.),
which corresponds to approximately 80% to 90% battery capacity. This ensures that the battery is kept at or
near a fully charged condition and eliminates the need for periodic charge cycle initiations. CHGb output
enters a pull-down state during recharge cycles.
8.1.4. Communication mode
The DIO58020 series enters communication mode when EN is pulled high and the VIN range is 0 to 2.8 V. During
communication mode, the electrical information are communicated between IN and COM pins, and the
communication rate can up to 1 Mbps. The value of ICOM drops to 25
μA.
8.2. Operation mode transition
The transition among operation modes is determined according to these variables respectively:
Logic level at EN pin
Logic level at VIN pin
Status logic level at State pin: State = 0 indicates ready to charge; State = 1 indicates unable to charge.
The comprehensive charging procedure, exemplified by DIO58020A with a final float voltage of 4.4 V, is
detailed as follows. Initially, the EN pin is left floating to initiate the sleep mode. Activation from this sleep
state necessitates forced charging, which requires VIN to exceed 4.5 V and remain so for a minimum of 5
seconds. Upon lowering VIN to the range of 0 to 2.8 V, the earphone and earbud enter a communication
mode, powered by the battery, where they exchange electrical information. In the event of an error or failure
in establishing communication, the earphone will wait for a duration of 20 ms before reverting to the sleep
mode to conserve energy. Upon successful completion of the communication phase, the earbud acquires
comprehensive battery data and subsequently supplies a precisely regulated VIN, as BAT + 100 mV, while
maintaining EN = 1 simultaneously. Throughout the charging process, the earbud continuously monitors the
charging current. If it falls below 60 mA (1C default), VIN is incremented by an additional 100 mV to
maintain constant current charging until VBAT reaches 4.4 V, indicating the battery is fully charged. The
charging mode concludes when the voltage across IBF drops below 0.5 V. The state diagram including the
possible transitions is shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com