Electronic Components Datasheet Search
  English  ▼

X  

DIO60120 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60120
Description  5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60120 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60120 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DIO60120
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
5
6. Electrical Characteristics
The values are obtained under these conditions unless otherwise specified: VIN = 5 V, VOUT = 1.8 V, L1 = 2.2 µH,
COUT = 22 µF, TA = 25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
2.5
5.5
V
IQ
Quiescent current
IOUT = 0, FB = 0.65 V
15
µA
ISHDN
Shutdown current
EN = 0
0.1
1
µA
VREF
Feedback reference voltage
0.588
0.6
0.612
V
RDS(ON),P
PFET RON
IOUT = 100 mA
100
mΩ
RDS(ON),N
NFET RON
IOUT = 100 mA
80
mΩ
ILIM
PFET current limit
2.7
A
VENH
EN rising threshold
1
V
VENL
EN falling threshold
0.4
V
VUVLO
Input undervoltage lockout threshold
2.15
2.45
V
VHYS
undervoltage lockout hysteresis
0.15
V
fSW
Switching frequency
IOUT = 500 mA
1
MHz
VPG,UV_R
Undervoltage PG rising threshold
Referenced to VFB nominal
95
%
VPG,UV_F
Undervoltage PG falling threshold
90
%
VPG,OV_R
Overvoltage PG rising threshold
105
%
VPG,OV_F
Overvoltage PG falling threshold
110
%
Min ON time
80
ns
Max duty cycle
100
%
tSS
Soft-start time
VOUT rise from 10% to 90%
0.55
ms
ENR-
Pull-down resistor
1
MΩ
Rdis
Output discharge resistor
VEN = 0 V, VOUT = 1.2 V
1
kΩ
TSD
Thermal shutdown temperature
150
°C
THYS
Thermal shutdown hysteresis
20
°C
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com