Electronic Components Datasheet Search
  English  ▼

X  

DIO60120 Datasheet(PDF) 14 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60120
Description  5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60120 Datasheet(HTML) 14 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60120 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO60120 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DIO60120
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
10
9.2. Power-good (PG) indicator
The DIO60010/A has a built-in power good (PG) function. The PG pin is an open-drain output and connected to
an external pull-up resistor; it is also controlled by a comparator which the feedback signal FB is fed to. If FB is
above 95% of the internal reference voltage, the PG pin will be in high impedance and VPG will be held high.
Otherwise, when the device is disabled in UVLO or in thermal shutdown, PG is low.
9.3. Undervoltage lockout
Undervoltage lockout protects the IC from insufficient input voltages. The DIO60120 is disabled if the input
voltage falls below 2.15 V (typ). In this UVLO event, both the high-side and low-side power MOSFETs turn off.
9.4. Thermal shutdown
If the junction temperature of the device reaches the thermal shutdown limit of 150°C, the DIO60120 shuts down
both high-side and low-side power MOSFETs. When the junction temperature reduces to the required level
(130°C typ), the device initiates a normal power-up cycle with soft-start.
9.5. Switch current limit and short-circuit protection
The protection function prevents the device from drawing excessive current in case of externally-caused
overcurrent or short-circuit conditions. If the current limit threshold is reached, the device delivers its maximum
output current. Detecting this condition for 32 switching cycles, the device turns off the high-side MOSFET for
about 500 μs and then restarts again with a soft-start cycle. As long as the overload condition is present, the
device hiccups that way, limiting the output power.
9.6. Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light loads,
choose large resistance values for both R1 and R2. For example, it is recommended that the resistance value of
R1 is 200 kΩ, then R2 can be calculated from Equation (1).
1
OUT
2
R
0.6V
-
V
0.6V
R
(1)
Figure 18. Feedback resistor dividers R1 and R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com