Electronic Components Datasheet Search
  English  ▼

X  

PD57002S-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57002S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57002S-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD57002S-E Datasheet HTML 1Page - STMicroelectronics PD57002S-E Datasheet HTML 2Page - STMicroelectronics PD57002S-E Datasheet HTML 3Page - STMicroelectronics PD57002S-E Datasheet HTML 4Page - STMicroelectronics PD57002S-E Datasheet HTML 5Page - STMicroelectronics PD57002S-E Datasheet HTML 6Page - STMicroelectronics PD57002S-E Datasheet HTML 7Page - STMicroelectronics PD57002S-E Datasheet HTML 8Page - STMicroelectronics PD57002S-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
May 2006
Rev 1
1/23
23
PD57002-E
PD57002S-E
RF POWER transistor, LDMOST plastic family
N-Channel enhancement-mode lateral MOSFETs
General features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 2W with 15dB gain @ 960MHz / 28V
■ New RF plastic package
Description
The PD57002 is a common source N-Channel,
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1GHz. The PD57002 is designed for high gain
and broadband performance operating in
common source mode at 28 V. It is ideal for digital
cellular BTS applications requiring high linearity.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optimized for RF needs and offers
excellent RF performances and ease of
assembly.
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
www.st.com
Order codes
Part number
Package
Packing
PD57002-E
PowerSO-10RF (formed lead)
Tube
PD57002S-E
PowerSO-10RF (straight lead)
Tube


Similar Part No. - PD57002S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57002S-E STMICROELECTRONICS-PD57002S-E Datasheet
374Kb / 23P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
28-May-2010
More results

Similar Description - PD57002S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com