Electronic Components Datasheet Search
  English  ▼

X  

AS1130-BSST Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS1130-BSST Datasheet HTML 7Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 8Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 9Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 10Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 11Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 12Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 13Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 14Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Page 10
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Typical Operating Characteristics
Figure 11:
Segment Drive Current vs. Supply Voltage
Figure 12:
Segment Drive Current vs. Temperature
Typical Operating
Characteristics
28
28.5
29
29.5
30
30.5
31
31.5
32
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
-45°C
+25°C
+85°C
28
28.5
29
29.5
30
30.5
31
31.5
32
-45
-25
-5
15
35
55
75
Temperature ( C)
Vdd = 2.7V
Vdd = 3.3V
Vdd = 4.5V
Vdd = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com