Electronic Components Datasheet Search
  English  ▼

X  

AS3412-EWLT Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 22Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 23Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 24Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 25Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 26Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 27Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 28Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 29Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
ams Datasheet
Page 25
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Integrated Music Bypass Switch
If the AS3412 is switched off, the device features a unique
integrated music bypass function. The bypass switches can be
used to replace a mechanical switch to bypass the music signal
in off mode or if the headset runs out of battery. Figure 29 shows
the basic music playback path of the AS3412 with a full battery.
In this mode the line input signal is feed to the headphone
amplifier. The integrated bypass switches are automatically
disabled in this operation mode.
Figure 29:
Bypass Mode Inactive
Bypass Mode Active: This block diagram shows the general music playback path of AS3412 with the integrated
music bypass switches disabled.
Figure 30 shows the AS3412 in off mode with an empty battery.
This is basically the same use case as no battery at all. In this
mode the internal bypass switch becomes active. The
headphone amplifier is not powered because the headset has
run out of battery and the bypass switch becomes active. Thus
the music signal coming from the 3.5mm audio jack is routed
through the ANC chip, without any power source connected to
the device, to the speakers.
Music Bypass
Music Bypass
TRSDA/BYPL
TRSCL/BYPR
AGND
LINL
LINR
100%
3.5mm audio jack
HPR
HPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com