Electronic Components Datasheet Search
  English  ▼

X  

AS3412-EWLT Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 41Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 42Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 43Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 44Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 45Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 46Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 47Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 48Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Figure 57:
Timing Diagram VNEG Buffering
VNEG Buffer Timing: This timing diagram shows how to buffer the VNEG supply during the OTP programming
process.
To guarantee a successful trimming process it is important to
follow the predefined trimming sequence shown in Figure 57.
As a first step it is important to do a register dump of all OTP
registers. This register backup in your system memory is a
backup of all register settings and is necessary for verification
after the trim process to make sure that all bits are trimmed
correctly. Once the register dump has been done it is important
to check registers 0x30 and 0x31. These registers typically
indicate if the device is already trimmed or not. If both registers
have the value 0x80 you can enter the trim mode and start the
trimming process. Once trimming is done, the most important
step is comparing the values trimmed to the device with the
original register dump performed just before we started the
actual trimming process. If the verification was successful we
know that all bits have been trimmed correctly. What is
important to mention is that the AS3412 has a couple of test
bits inside which are by default set to ‘1’. We do not recommend
overwriting these bits. Furthermore, it is important to know that
it is not possible to change bits once they are trimmed. It is not
possible to change a bit from ‘1’ back to zero. If an additional
trimming is done it is only possible to change bits from ‘0’ to
‘1’. It is important that all necessary bits are trimmed exactly like
in the block diagram shown in Figure 58.
VBAT
MODE/CSCL
VOL/CSDA
VNEG OK
VNEG BUFFER ON
>10ms
~1ms
~1ms
Start Trim-Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com