Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 30Page - ams-OSRAM AG AS3715 Datasheet HTML 31Page - ams-OSRAM AG AS3715 Datasheet HTML 32Page - ams-OSRAM AG AS3715 Datasheet HTML 33Page - ams-OSRAM AG AS3715 Datasheet HTML 34Page - ams-OSRAM AG AS3715 Datasheet HTML 35Page - ams-OSRAM AG AS3715 Datasheet HTML 36Page - ams-OSRAM AG AS3715 Datasheet HTML 37Page - ams-OSRAM AG AS3715 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 159 page
background image
ams Datasheet
Page 33
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 35:
DCDC Step-Up Converter
DCDC Step-Up Converter Block Diagram: Shows the internal structure of the DCDC boost controller including
external components.
ov_curr
Gate
Driver
=1
V
PWM
Logic
HV Current Sinks
Each 0.156-39.8mA
Automatic
feedback select
(CURR 1,2,3)
Optional; only requir ed
if CURR3 can
exceed 30V
clk
1 MHz
50 0 kHz
stepu p12_clkinv
stpup2_on
vov_curren t
overshoot comp
err o ta
stepu p2_fb
1.25 V
0.8 V
1.25 V
0.5 V
1.4 V
VSUP
currX_ctrl = '10'
CURR1
CURR2
CURR3
LEDs as required
by th e app lication
FB_SU
GATE_SU
SENSEN_SU
SENSEP_SU
RSU2
0.15
+/- 5%
LSU2
10μH; SD12-100 Coiltronics
DSU2
PMEG2010
QSU2
Si1304
CSU2_IN
2.2μF
CSU2_OUT2
2.2μF/25V
curren t sense
setpu p2_v
step2_prot
VSUPPLY
ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com