Electronic Components Datasheet Search
  English  ▼

X  

AS3715 Datasheet(PDF) 58 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 58 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 54Page - ams-OSRAM AG AS3715 Datasheet HTML 55Page - ams-OSRAM AG AS3715 Datasheet HTML 56Page - ams-OSRAM AG AS3715 Datasheet HTML 57Page - ams-OSRAM AG AS3715 Datasheet HTML 58Page - ams-OSRAM AG AS3715 Datasheet HTML 59Page - ams-OSRAM AG AS3715 Datasheet HTML 60Page - ams-OSRAM AG AS3715 Datasheet HTML 61Page - ams-OSRAM AG AS3715 Datasheet HTML 62Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 159 page
background image
ams Datasheet
Page 57
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Start-Up Reasons
A Start-up can be activated from 4 different sources:
• VPOR has been reached (VUSB/VSUP/VBAT rising from
scratch)
• ONKEY or ENx has been pulled high in power_off mode
• Reset cycle
• ResVoltRise was reached
Parameter
Figure 58:
ONKEY/ENx-Input Start-Up Conditions
ONKEY-Input Start-Up Conditions: Shows the electrical parameter for the ONKEY input initiating the start-up.
Reset
Description
XRES is a low active bi-directional pin. An external pull-up to
the periphery supply has to be added.
During each reset cycle the following states are controlled by
the AS3715:
• Power-down sequence of the regulators
• Pin XRES is forced to GND
• All registers are set to their default values after power-ON,
except the reset control- and status-registers.
• Normal startup with programmable power-ON sequence
and regulator voltages (see Start-Up)
• Reset is active until the programmable reset timer expires
(set by register bits res_timer<2:0>)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VUSBON
Voltage in VUSB for system to start
4.2
5.0
30
V
VON_IL
ONKEY/ENx Low Level input voltage
–0.3
0.4
V
VON_IH
ONKEY/ENx High Level input
1.4
VVSUP_
GPIO
V
ION_PD
ONKEY/ENx Pull down current
5
12
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com