Electronic Components Datasheet Search
  English  ▼

X  

DIO70020 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020
Description  5.5 V, 2.5 A Low Loss Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70020 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO70020 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DIO70020
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO70020• Rev 1.2
CONTACT US
Dioo is a professional design and sales corporation for high-quality and performance analog semiconductors. The company focuses on
industry markets, such as, cell phone, handheld products, laptop, and medical equipment and so on. Dioo’s product families include
analog signal processing and amplifying, LED drivers and charger IC. Go to http://www.dioo.com for a complete list of Dioo product
families.
For additional product information or full datasheet, please contact with our sales department or representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com