Electronic Components Datasheet Search
  English  ▼

X  

DIO70020 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO70020
Description  5.5 V, 2.5 A Low Loss Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO70020 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO70020 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO70020 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO70020
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO70020• Rev 1.2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 6.0
V
VEN
Operation voltage (EN active high)
-0.3 to VIN + 0.3
Operation voltage (All other pins)
-0.3 to 6
PD
Power dissipation (at TA = 25°C, SOT23-5)
0.6
W
θJA
Package thermal resistance
SOT23-5
250
°C/W
θJC
130
TJ
Maximum junction temperature
150
°C
TL
Maximum lead temperature (soldering, 10 sec.)
260
°C
TSTG
Storage temperature range
-65 to 150
°C
HBM
ANSI/ESDA/JEDEC JS-001
±2
kV
CDM
ANSI/ESDA/JEDEC JS-002
±2
Note:
(1) Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure optimal performance to
the datasheet specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
Operation voltage
IN
2.7 to 5.5
V
All other pins
0 to 5.5
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com