Electronic Components Datasheet Search
  English  ▼

X  

DIO74134SC5 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134SC5
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134SC5 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74134SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
VMI=VIH/2; VMO=(VOH+VOL)/2
tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns
Figure 2. Waveform 1 – Propagation Delays
Parameter Measurement Information
CL = 5 pF, 10pF, 15pF, 30pF loading (includes probe and jig capacitance) RL = 1MΩ or equivalent
ZOUT of signal generator = 50Ω
Figure 3. AC (Propagation Delay, tPLH, tPHL) Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com