Electronic Components Datasheet Search
  English  ▼

X  

DIO74134SC5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74134SC5
Description  1-Bit Unidirectional Voltage-Level Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74134SC5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74134SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74134SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DIO74134
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO74134• Rev. 1.0
ICCB
VCCB
supply
current
VI =VCCI or
GND,
IO = 0 mA
25℃
1.08V to 3.6V
1.08V to 3.6V
3.5
µA
Full
20
µA
25℃
1.08V to 3.6V
VCCA
0.3
µA
Full
20
µA
25℃
0V
0V to 3.6V
0.3
µA
Full
20
µA
25℃
0V to 3.6V
0V
0.3
µA
Full
1
µA
CI
Input
capacitance
VI = 3.3V or GND
3.3V
3.3V
4
pF
CI
Input
capacitance
VI = 3.3V or GND
0V
3.3V
4
pF
CO
Output
capacitance
VO = 3.3V or GND
0V
3.3V
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com