Electronic Components Datasheet Search
  English  ▼

X  

DIO74559 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO74559
Description  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74559 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO74559 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO74559 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DIO74559
Version 1.1, Oct 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
3
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC JS-001
±8000
V
CDM
ANSI/ESDA/JEDEC JS-002
±2000
V
IEC 61000-4-2, level 4, contact discharge at SIM card side pins, VCCB,
and GND pins
±8000
V
IEC 61000-4-2, level 4, air discharge(1) at SIM card side pins, VCCB, and
GND pins
±15000
V
Note:
(1) According to the IEC 61000-4-2 standards, a Level 4 contact discharge of ±8 kV is considered equivalent to a ±15 kV air
discharge. Air discharge is provided for information only and was not tested.
5. Function Description
Supply Voltage
Input/Output
Operational Mode
VCCA
VCCB
Host
SIM Card
1.08 V to 1.98 V
1.62 V to 3.3 V
HOST = SIM Card
SIM Card = HOST
Active
GND
1.62 V to 3.3 V
See the table below, Condition B
Shutdown
1.08 V to 1.98 V
GND
See the table below, Condition A
Shutdown
GND
GND
See the table below, Condition A
Shutdown
Pin condition
Condition A
Condition B
RST_HOST
100 kΩ pull low
100 kΩ pull low
CLK_HOST
100 kΩ pull low
100 kΩ pull low
IO_HOST
5 kΩ pull to VCCA
5 kΩ pull to VCCA
RST_SIM
100 kΩ pull low
400 Ω pull low
CLK_SIM
100 kΩ pull low
400 Ω pull low
IO_SIM
High Z
400 Ω pull low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com