Electronic Components Datasheet Search
  English  ▼

X  

DPM4102 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DPM4102
Description  2.0 A Buck-Boost Power Module with Small Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DPM4102 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DPM4102 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DPM4102
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1. ECLGA-14 (Top view)
Pin No.
Pin Name
I/O
Description
1,14
VIN
PWR
Supply input voltage.
2
EN
IO
Device enable. Set high to enable and low to disable. It must not be left
floating.
3
MODE
IO
PFM/PWM selection. Set low for power save mode, set high for forced PWM.
It must not be left floating.
4
PG
IO
Power good indication. If the feedback (FB) voltage (VFB) exceeds 91.5% of
the reference voltage (VREF), the PG pin is pulled high. If VFB drops below 76%
of VREF, PG is pulled low.
5
VCC
PWR
Supply voltage for the control stage. The VCC pin is powered from the higher
voltage between the input voltage (VIN) and the output voltage (VOUT). 1 μF
capacitor is used for decoupling VCC.
6
AGND
PWR
Analog ground.
7
NC
/
Not connected.
8
FB
IO
Voltage feedback. Sensing pin.
9,10
VOUT
PWR
Power stage output.
11
SW2
IO
Inductor switching node of the boost stage.
12
PGND
PWR
Power ground.
13
SW1
IO
Inductor switching node of the buck stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com