Electronic Components Datasheet Search
  English  ▼

X  

DPM4102 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DPM4102
Description  2.0 A Buck-Boost Power Module with Small Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DPM4102 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DPM4102 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DPM4102 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DPM4102
Version 1.0, May 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN to PGND
-0.3 to 6
V
SWx to PGND
-0.3 (-2 V for < 10 ns)
to 6.5 (8.5 V for < 10 ns)
V
All other pins
-0.3 to 6
V
TJ
Maximum junction temperature
150
ºC
TL
Maximum lead temperature
260
ºC
TSTG
Storage temperature range
-65 to 150
ºC
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN
Operating input voltage
2 to 5.5
V
VOUT
Output voltage
2 to 5.5
V
TJ
Operating junction temperature
-40 to 125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com