Electronic Components Datasheet Search
  English  ▼

X  

BP-103 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # BP-103
Description  Silicon NPN Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BP-103 Datasheet(HTML) 4 Page - ams-OSRAM AG

  BP-103 Datasheet HTML 1Page - ams-OSRAM AG BP-103 Datasheet HTML 2Page - ams-OSRAM AG BP-103 Datasheet HTML 3Page - ams-OSRAM AG BP-103 Datasheet HTML 4Page - ams-OSRAM AG BP-103 Datasheet HTML 5Page - ams-OSRAM AG BP-103 Datasheet HTML 6Page - ams-OSRAM AG BP-103 Datasheet HTML 7Page - ams-OSRAM AG BP-103 Datasheet HTML 8Page - ams-OSRAM AG BP-103 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BP 103
DATASHEET
DATASHEET
4 | Version 1.6 | 2023-01-24
Maximum Ratings
T
A = 25 °C
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-40 °C
80 °C
Storage temperature
T
stg
min.
max.
-40 °C
80 °C
Collector-emitter voltage
V
CE
max.
35 V
Collector current
I
C
max.
100 mA
Collector surge current
τ ≤ 10 µs
I
CS
max.
200 mA
Emitter-basis voltage
V
EB
max.
7 V
Emitter-collector voltage
V
EC
max.
7 V
Total power dissipation
P
tot
max.
150 mW
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
V
ESD
max.
2 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com