Electronic Components Datasheet Search
  English  ▼

X  

BP-103 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # BP-103
Description  Silicon NPN Phototransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BP-103 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button BP-103 Datasheet HTML 8Page - ams-OSRAM AG BP-103 Datasheet HTML 9Page - ams-OSRAM AG BP-103 Datasheet HTML 10Page - ams-OSRAM AG BP-103 Datasheet HTML 11Page - ams-OSRAM AG BP-103 Datasheet HTML 12Page - ams-OSRAM AG BP-103 Datasheet HTML 13Page - ams-OSRAM AG BP-103 Datasheet HTML 14Page - ams-OSRAM AG BP-103 Datasheet HTML 15Page - ams-OSRAM AG BP-103 Datasheet HTML 16Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
BP 103
DATASHEET
DATASHEET
12 | Version 1.6 | 2023-01-24
TTW Soldering
IEC-61760-1 TTW
0
0
s
OHA04645
50
100
150
200
250
300
t
T
˚C
235 ˚C - 260 ˚C
First wave
20
40
60
80
100
120
140
160
180
200
220
240
Second wave
10 s max., max. contact time 5 s per wave
Preheating
T
∆
100 ˚C
120 ˚C
130 ˚C
Typical
Cooling
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Continuous line: typical process
Dotted line: process limits
< 150 K
Notes
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver. 
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com