Electronic Components Datasheet Search
  English  ▼

X  

BPX-48 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # BPX-48
Description  Silicon Differential Photodiode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-48 Datasheet(HTML) 5 Page - ams-OSRAM AG

  BPX-48 Datasheet HTML 1Page - ams-OSRAM AG BPX-48 Datasheet HTML 2Page - ams-OSRAM AG BPX-48 Datasheet HTML 3Page - ams-OSRAM AG BPX-48 Datasheet HTML 4Page - ams-OSRAM AG BPX-48 Datasheet HTML 5Page - ams-OSRAM AG BPX-48 Datasheet HTML 6Page - ams-OSRAM AG BPX-48 Datasheet HTML 7Page - ams-OSRAM AG BPX-48 Datasheet HTML 8Page - ams-OSRAM AG BPX-48 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BPX 48
5 Version 1.3 | 2018-05-30
Dark Current 1), 2)
I
R = f (VR) ; E = 0
Photocurrent/Open-Circuit Voltage 1), 2)
I
P (VR = 5 V) / VO = f (Ev)
Capacitance 1), 2)
C = f (V
R); f = 1 MHz; E = 0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com