Electronic Components Datasheet Search
  English  ▼

X  

CMV20000 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # CMV20000
Description  CMV20000 20MP CMOS machine vision image sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV20000 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button CMV20000 Datasheet HTML 40Page - ams-OSRAM AG CMV20000 Datasheet HTML 41Page - ams-OSRAM AG CMV20000 Datasheet HTML 42Page - ams-OSRAM AG CMV20000 Datasheet HTML 43Page - ams-OSRAM AG CMV20000 Datasheet HTML 44Page - ams-OSRAM AG CMV20000 Datasheet HTML 45Page - ams-OSRAM AG CMV20000 Datasheet HTML 46Page - ams-OSRAM AG CMV20000 Datasheet HTML 47Page - ams-OSRAM AG CMV20000 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
CMV20000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000440 • v3-00 • 2026-Mar-13
44 / 69
/
7.4.3
High dynamic range modes
7.4.3.1
Piecewise linear response
The device has the possibility to achieve a high optical dynamic range by using a piecewise
linear response. This feature will clip illuminated pixels which reach a programmable voltage,
while leaving the darker pixels untouched. The clipping level can be adjusted 2 times within
one exposure time to achieve a maximum of 3 slopes in the response curve. More details can
be found on Figure 27.
Figure 27: Piecewise linear response details
In the figure above, the red lines represent a pixel on which a large amount of light is falling.
The blue line represents a pixel on which less light is falling. As shown in the figure, the bright
pixel is held to a programmable voltage for a programmable time during the exposure time.
This happens two times to make sure that at the end of the exposure time the pixel is not
saturated. The darker pixel is not influenced and will have a normal response. The Vlevel_s2/3
voltages and different exposure times are programmable using the sequencer registers. Using
this feature, a response as detailed in Figure 28 can be achieved. The placement of the
kneepoints in X is controlled by the Vlevel_s2/3 programming, while the slope of the segments
is controlled by the programmed exposure times.
Vhigh
Vlevel_s2
Vlevel_s3
Vlow
Total exposure time
Exp_s2
Exp_s3
Pixel reset
Pixel sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com