Electronic Components Datasheet Search
  English  ▼

X  

ATLS1A103 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATLS1A103
Description  Low Noise Constant Current Laser Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATLS1A103 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATLS1A103 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5 5 0 E. Weddell Drive, Suit e 4, Sunnyvale, CA 94 08 9, U. S. A. Tel.: (4 08 ) 7 4 7 -9 7 6 0 , Fax: (4 0 8 ) 74 7-97 70 , W eb: w w w .analogt echnologies.com
© Copyrights 2000 – 2006, Analog Technologies, Inc. All Rights Reserved. Updated on 1/23/2006
3
Analog Technologies
ATLS1A103
Low Noise Constant Current Laser Driver
power supply 0V
Power Supply 5V
3
1
W1 10K
D1
Laser Diode
Digital Modulation Signal Input
LIO
6
VPS
12
PGND
10
LPGD
7
LDA
9
GND
2
LIS
5
PGND
11
TMPO
8
2P5V
3
LILM
4
SDN
1
ATLS1A103
1
2
R1
100K
C1
10uF
S1
SPDT
Figure 4 Low Noise Digital Modulation Circuit
Monitoring the Output Current
The output current of the controller can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for miro-controller based system where the ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal which is
proportional to the output current:
LIO (V) = I_out*2.5 (V).
For example, when the output signal equals to 2.5V, the
output current is 1A.
The output impedance of this pin is 10
Ω and it can be used
to drive an ADC directly.
It can also be measured by a multimeter during debugging
process.
Monitoring the Controller Internal Temperature
The controller internal temperature can be monitored by
measure the voltage at the TMPO pin. The equation is:
T =
− 1525.04
+
)
8015
.
1
(
28744
.
0
4182
.
2
1000
TMPO
−
×
+
×
(
°C),
where TMPO is the voltage at the TMPO pin.
Here are some temperature values at typical voltages:
T = 102
°C @ TMPO = 1V,
T = 12
°C @ TMPO = 2V,
T =
− 85 °C @ TMPO = 3V.
Controller Power Consumption
The power consumption of the controller can be calculated
by:
P_controller = I_output*(VPS – V_laser_diode),
where I_output is the output current;
VPS is the power supply voltage;
V_laser_diode is the voltage across the laser diode.
When the P_controller exceeds 1W, a heat sink might be
needed. Under this situation, if prefer not to use the heat sink,
this is an option: lowering the controller power consumption by
reducing the power supply voltage VPS. Please make sure:
VPS
≥ V_laser_diode_max + 1V,
where V_laser_diode_max is the maximum possible laser
diode voltage.
First Time Power Up
Laser is a high value and vulnerable device. Faults in
connections and damages done to the controller during
soldering process may damage the laser permanently.
To protect the laser, it is highly recommend to use 3 to 4 regular
diodes of >1A to form a “dummy laser” and insert it in the
place of the real laser diode, when powering up the controller
for the first time.
Use an oscilloscope to monitor the LDA
voltage at times of power-up and power-down, make sure that
there is not over-shoot in voltage. At the same time, use an
ammeter in serious with the dummy laser, to make sure that the
output current is correct.
After thorough checking free of faults, disconnect the dummy
laser and connect the real laser in place.
The controller output voltage range for the laser is between 0.5
to 4V when powered by a 5V power supply.
MECHANICAL DIMENSIONS AND MOUNTING
The ATLS1A103 comes in 2 packages: through hole mount
and surface mount. The former is often called DIP (Dual Inline
package) or D (short for DIP) package and has a part number:
ATLS1A103
−D, and the latter is often called SMT (Surface
Mount Technology) or SMD (Surface Mount Device) package
and has a part number: ATLS1A103
−S.
19.4
1
3
4
5
6
2
12
10
9
8
7
11
14.5
R1.5
×4
2
R1.5
×2
Top View Side View
End View
5.0
12
Pin size: 0.5
×0.5
4.0
R1.5
×2
Figure 5 Dimensions of the DIP Package Controller



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com