Electronic Components Datasheet Search
  English  ▼

X  

ATLS1A103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATLS1A103
Description  Low Noise Constant Current Laser Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATLS1A103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATLS1A103 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATLS1A103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5 5 0 E. Weddell Drive, Suit e 4, Sunnyvale, CA 94 08 9, U. S. A. Tel.: (4 08 ) 7 4 7 -9 7 6 0 , Fax: (4 0 8 ) 74 7-97 70 , W eb: w w w .analogt echnologies.com
© Copyrights 2000 – 2006, Analog Technologies, Inc. All Rights Reserved. Updated on 1/23/2006
1
Analog Technologies
ATLS1A103
Low Noise Constant Current Laser Driver
FEATURES
Ultra Low Noise: <10
µA*
High Current without Heat Sink: 1A
High Absolute Accuracy: <0.1%
High Stability: 100ppm/
°C
Dual Modulation Ports: High/Low Speed
Complete Shielding
Compact Size
SMT Package Available
*Total RMS between 0.1Hz to 0.5MHz.
APPLICATIONS
Drive laser diodes with low noise, including DPSSL, EDFA,
fiber laser, direct diode lasers, etc.
DESCRIPTION
The ATLS1A103 is an electronic module designed for
driving diode lasers with up to 1A low noise current. The
output voltage is 1.5V to 4V when powered by a 5V power
supply. It uses two drivers, one is switch mode and the other
is linear mode. The former results in high power efficiency,
the latter keeps the output noise low and allows high
modulation speed.
When the maximum power consumed by the controller is
maintained to <1W, it does not require a heat sink to
operate.
The output current of the ATLS1A103 can be set linearly by
an input voltage or modulated by an external signal of up to
350KHz in bandwidth, resulting in 1
µS rise and fall time.
A high stability low noise 2.5V reference voltage is
provided internally for setting the output current. This
reference can also be used as the voltage reference for
external ADCs (Analog to Digital Converters) and DACs
(Digital to Analog Converters).
The ATLS1A103 is packaged in a 6 sided metal enclosure,
which blocks EMIs (Electro-Magnetic Interferences) to
prevent the controller and other electronics from interfering
each other.
Figure 1 Pin Names and Locations
The controller has 2 types of packages: through hole mount and
surface mount. The latter saves PCB space the controller takes.
Figure 1 is the actual size top view of the ATLS1A103, which
shows the pin names and locations. Its thickness is 5mm.
SPECIFICATIONS
Maximum output current:
1A
Output current noise:
<10
µA
(0.1Hz to 0.5MHz RMS)
Current set voltage range:
0 to 2.5V
Current limit set voltage range:
0 to 0.5V
Modulation response bandwidth:
350KHz
Minimum drop out voltage:
0.3V + 0.5
×Iout
(Iout: output current)
Power supply voltage range:
3.5V to 5.5V
Operating case temperature:
−25°C to 85°C
OPERATION PRINCIPLE
Figure 2 is the block diagram of the controller.
The shut down control circuit accept signals from 3 sources:
external shut down, over-current and over-temperature signals.
When one of these signals is activated, the controller is shut
down. Only when all these 3 signals go up, the soft-start circuit
starts enabling the low noise driver.
The temperature sensor circuit turns down the controller upon
detecting the temperature to be 120
°C.
The current limiter circuit monitors the output current and
shuts down the controller upon detecting the output current
exceeds the pre-set value.
When controller is shut down, the voltage reference is also shut
down.
Figure 2 Block Diagram
19.4
VPS
PGND
LDC
LDA
TMPO
LPGD
GND
2P5V
LILM
LIS
LIO
SDN
1
3
4
5
6
2
12
10
9
8
7
11
14.5
TMPO
Laser
Diode
8
10
5
LDC
LIS
Shut-
down
& soft-
start
circuit
Current
sensor &
low noise
driver
Voltage
reference
12
3
2
1
LISL
GND
SDN
10pF
100K
Ω
VPS
11
PGND
4
6
LIO
LILM
LPGD
7
Temp.
sensor
9
LDA
Current
limiter


Similar Part No. - ATLS1A103

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
960Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
More results

Similar Description - ATLS1A103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATLS1A101 ETC2-ATLS1A101 Datasheet
90Kb / 6P
Low Noise Constant Current Laser Driver
ATLS1A102 ETC2-ATLS1A102 Datasheet
104Kb / 6P
Low Noise Constant Current Laser Driver
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA103 ANALOGTECHNOLOGIES-ATLS250MA103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA103 ANALOGTECHNOLOGIES-ATLS500MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS500MA106 ANALOGTECHNOLOGIES-ATLS500MA106 Datasheet
559Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com