Electronic Components Datasheet Search
  English  ▼

X  

CS41000BO Datasheet(PDF) 5 Page - Clarke International

Part # CS41000BO
Description  4-SHELF INDUSTRIAL BOLTLESS SHELVING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CS41000BO Datasheet(HTML) 5 Page - Clarke International

  CS41000BO Datasheet HTML 1Page - Clarke International CS41000BO Datasheet HTML 2Page - Clarke International CS41000BO Datasheet HTML 3Page - Clarke International CS41000BO Datasheet HTML 4Page - Clarke International CS41000BO Datasheet HTML 5Page - Clarke International CS41000BO Datasheet HTML 6Page - Clarke International CS41000BO Datasheet HTML 7Page - Clarke International CS41000BO Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Repeat this again to create the other end assembly, making sure that the
corresponding beams are at the same height.
6. Join the two end assemblies
together with the long beams (B)
as in Fig 3.
•
The beams should be spaced
equally with a gap of 500mm
between each one and the top
beam will be level with the top of
the posts.
7. Connect the support beams (E) to
the long beams (C). First bend the
tabs 90 degrees to pass them
through the slots in the long
beams.
•
The tab initially lays flat against the
long beam (C).
8. Next, bend the tab back through
180 degrees to grip the long
beam.
•
Use a screwdriver or similar tool to
bend the tabs.
9. Finally bend the tab again through
90 degrees the opposite way, to
seat tightly against the support
beam.
•
Ensure there is no movement
between the beams.
10. Lay the shelf panels (E) into
position.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com