Electronic Components Datasheet Search
  English  ▼

X  

CSE2 Datasheet(PDF) 13 Page - Clarke International

Part # CSE2
Description  SUBMERSIBLE WATER PUMPS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSE2 Datasheet(HTML) 13 Page - Clarke International

Back Button CSE2 Datasheet HTML 8Page - Clarke International CSE2 Datasheet HTML 9Page - Clarke International CSE2 Datasheet HTML 10Page - Clarke International CSE2 Datasheet HTML 11Page - Clarke International CSE2 Datasheet HTML 12Page - Clarke International CSE2 Datasheet HTML 13Page - Clarke International CSE2 Datasheet HTML 14Page - Clarke International CSE2 Datasheet HTML 15Page - Clarke International CSE2 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PARTS LIST
NO DESCRIPTION
PART NO
NO DESCRIPTION
PART NO
1
Float-switch
LDP1380002
21
Stator
LDS3410017
2
Cap
LDS3600170
22
Joint O-ring
LDP1200007
3
Cable 10m
LDP1320016
23
Pump housing
LDS3600075
4
Grommet
LDP1230002
24
Joint O-ring
LDP1200009
5
Grommet
LDP1230003
25
Elbow with O-ring
LDS3600111
6
Capacitor
LDP1360030
26
Washer
LDP1120006
7
Lock
LDS3500011
27
Nut
LDP1110005
8
Anti-tear ring
LDS3500336
28
Impeller
LDS3500559
9
Cable fastener
LDS3500335
29
Joint O-ring
LDP1200008
10
Screw
LDP1100008
30
Filter
LDS3500017
11
Earth screw
LDP1100003
31
Filter Base
LDS3500107
12
Spring-washer
LDP1120003
32
Joint O-ring
LDP1200033
13
Washer
LDP1120051
33
Screw
LDP1100090
14
Insulation disc
LDS3500106
34
Screw
LDP1100014
15
Upper flange
LDS3120005
35
Washer
LDP1120017
16
Wave washer
LDP1120002
36
Ball
LDP1180003
17
Ceramic shaft with
bearings
LDS3101002
37
Twin Lip Seal
LDP1210004
18
Bearing
LDP1180001
38
Joint Ring
LDP1200002
19
Washer
LDP1120007
39
Step Fitting /O-ring
LDS3600162
20
Lip seal
LDP1210001
40
V-ring Joint
LDP1210002
- CSE2
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE
regulations in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste but according to the laws governing Waste Electrical and
Electronic Equipment (WEEE) at a recognised disposal facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com