Electronic Components Datasheet Search
  English  ▼

X  

CSE2 Datasheet(PDF) 3 Page - Clarke International

Part # CSE2
Description  SUBMERSIBLE WATER PUMPS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSE2 Datasheet(HTML) 3 Page - Clarke International

  CSE2 Datasheet HTML 1Page - Clarke International CSE2 Datasheet HTML 2Page - Clarke International CSE2 Datasheet HTML 3Page - Clarke International CSE2 Datasheet HTML 4Page - Clarke International CSE2 Datasheet HTML 5Page - Clarke International CSE2 Datasheet HTML 6Page - Clarke International CSE2 Datasheet HTML 7Page - Clarke International CSE2 Datasheet HTML 8Page - Clarke International CSE2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SAFETY PRECAUTIONS
1. These pumps are designed to pump WATER ONLY. Never use for pumping
flammable liquids or chemicals.
2. Never run the pump dry.
3. An approved Residual Current Device (RCD) which has a tripping current
of less than 30mA must be used when pumping from ponds or swimming
pools.
4. Never carry the pump by the mains lead or float switch.
5. Never pull the mains lead to disconnect the pump from the mains socket.
6. Your submersible pump may only be used for pumping water from a
swimming pool when there is no person or animal in the pool.
7. Always disconnect the pump from the electrical supply before placing it
into, or removing it from the water and before any cleaning or
maintenance.
8. Always use the moulded handle (or lifting eye), with a rope or cable
attached when lifting the pump. NEVER lift the pump by the mains cable
or, where fitted, the float switch cable.
9. DO NOT run the pump with the body exposed for longer than 10 minutes.
10. DO NOT install the pump on sand or ground which is likely to shift.
11. Do not use the pump if the water is liable to freeze, as this can cause
damage to the pump. Remove the pump from the water and store it in a
frost free location.
12. If the pump is to be used where there may be silt or mud (for example,
garden ponds), keep the pump clear of any sediment by standing it on a
platform or brick.
13. Do not allow children to touch the pump, cables or connections.
14. Disconnect the pump from the mains supply when not in use.
15. Have the pump repaired by a qualified person.
16. Keep the mains cable away from heat, oil and sharp edges.
17. Always check the plug, mains cable and float switch cable for damage
before use. Do not use the pump if damaged. Refer to qualified service
personnel for repair.
18.
If you have to use an extension lead with this product, it must be designed
for outdoor use and incorporate a cable suitable for use with Class I
appliances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com