Electronic Components Datasheet Search
  English  ▼

X  

NHB Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # NHB
Description  Network Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHB Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  NHB Datasheet HTML 1Page - PATLITE CORPORATION. NHB Datasheet HTML 2Page - PATLITE CORPORATION. NHB Datasheet HTML 3Page - PATLITE CORPORATION. NHB Datasheet HTML 4Page - PATLITE CORPORATION. NHB Datasheet HTML 5Page - PATLITE CORPORATION. NHB Datasheet HTML 6Page - PATLITE CORPORATION. NHB Datasheet HTML 7Page - PATLITE CORPORATION. NHB Datasheet HTML 8Page - PATLITE CORPORATION. NHB Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
*1
It can be used when e-mail or SNMP is set to "Active" in the RSH/SSH Command Configuration.
*2
Signal Tower "Red", "Amber" and "Green", and Flashing pattern 1
*3
Buzzer pattern1 and Buzzer pattern2
*4
It is possible to stop only the buzzer while maintaining the state of Signal Tower.
✓
✓
✓
✓
✓
PLC Information Write Command
-
-
-
-
Executable action at detection
Signal Tower
✓
✓
✓
✓
✓
✓
✓
✓
✓
✓
Buzzer
e-mail SNMP
✓
✓
MQTT
✓
PLC Information Read Command
Number of Monitoring
16
Transmission Interval
10ms / 50ms / 100ms
Protocol
SLMP (The same format as the QnA compatible 3E and 4E frame of MC protocol)
FINS
TCP / UDP
✓
SNMP Supported
✓
✓
✓
SNMP Trap Reception
Ping Monitoring
✓
✓
Monitoring
INTEGER, OCTET STRING (String data, Binary data)
Detection that the acquired value has changed
INTEGER
Detectable Type
Change Detection
Detectable Type
PLC Information Read Command
Detects the state change of the device information of the PLC
HTTP
Monitoring Cycle
1 - 60 seconds
Detection method
Condition Agreement Detection : 20 Change Detection : 5
Dtection that the acquired value meets the condition
Condition Agreement
Detectable Type
INTEGER, OCTET STRING (String data, Binary data)
SNMP Supported Equipment
For SNMP Supported equipment, with SNMP command,
Version
v1 / v2c / v3
their status can be acquisitioned periodically and monitored.
Monitor Function
SNMP Trap Reception Function
Trap Reception detection
Version
v1 / v2c / v3
Number of Reception
64
variable-bindings
2 OID per 1 Trap Reception
Monitoring Cycle
1 - 600 seconds
Sending Count
The number of times to detect can be set from 1 to 30.
Number of Sending
The number of sending Ping by one monitoring can be set from 1 to 3.
4.2. External Monitoring Function
Ping Monitoring Function
Network abnormality detection by sending Ping network devices
Number of Monitoring
24
Number of Group
3
"Clear"Button
✓
✓*4
✓
✓
✓
SNMP Command
✓
✓
-
-
-
-
PHN
△*2
△*3
-
-
-
Socket
PNS
✓
✓
-
-
HTTP Command
✓
✓
-
-
-
SSH Command
✓
✓
✓*1
✓*1
-
e-mail
SNMP
HTTP
RSH Command
✓
✓
✓*1
✓*1
-
Controllable Action
Command
Signal Tower
Drawing No.
Rev.
Page
NHB6-3-W18
F
Buzzer
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com