| Electronic Components Datasheet Search |
|
NHB Datasheet(PDF) 6 Page - PATLITE CORPORATION. |
|
|
|||||||||||||||||||||||||||||
NHB Datasheet(HTML) 6 Page - PATLITE CORPORATION. |
|
6 / 10 page ![]() 4.3. Main Unit Status Acquisition Function *1 Signal Tower "Red", "Amber" and "Green", and Flashing pattern 1 *2 Buzzer pattern 1 and Buzzer pattern 2 *1 Light reduction is not possible when using LR4/6-E-MZ or WDT-4/6LR-Z2. *2 Google Chrome is a trademark or registered trademark of Google LLC. *3 Microsoft Edge is registered trademark of Microsoft Corporation in the United States and other countries. Drawing No. Rev. Page NHB6-3-W18 F RSH Command The state of the main body can be acquired by the status acquisition command. SSH Command The state of the main body can be acquired by the status acquisition command. Socket Communication Status acquisition available with PNS Command and PHN Command SNMP Command Status acquisition available with SNMP "get" Command Version v1 / v2c / v3 HTTP Communication The state of the main body can be acquired in XML/JSON data format. Acquisition data Command Signal Tower Buzzer RSH Command ✓ ✓ SSH Command ✓ ✓ Socket PNS ✓ ✓ PHN ✓*1 ✓*2 Automatic Network Setting SNMP Command ✓ ✓ XML/JSON format file ✓ ✓ Self test of Signal Tower and buzzer is possible Self-test Function 4.4 Main Unit Setting Function The internal clock in this product can communicate with an NTP server to automatically set. Buzzer Volume Setting Master Volume of Buzzer can be set to automatically correct the time. Time Correction Function Network setting in this product can communicate with an DHCP server USB Flash Drive Function USB flash drive can be used to read and written configuration files, update firmware, and download Event logs. Flash Control Setting The brightness of the LED unit can be reduced.*1 Standard Action Setting The color of Signal Tower that lights up after the clear operation is executed can be set. with test button of the main body and RSH/SSH command. Config Setting Various settings of the main body can be read and written as setting file. Languages supported on the setting screen Japanese, English, Traditional Chinese, Sinplified Chinese, Korean, Thai German, French, Italian, Spanish, Mexican Event Log Event logs can be downloaded via web browser and USB flash drive. Main Unit Setting Various settings of the main body can be done with a web browser. Supported browsers Google Chrome *2 Microsoft Edge *3 6/10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |