Electronic Components Datasheet Search
  English  ▼

X  

AN780 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN780
Description  15-Kilogram Scale Using the TC500A and the TC520
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN780 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN780 Datasheet HTML 2Page - Microchip Technology AN780 Datasheet HTML 3Page - Microchip Technology AN780 Datasheet HTML 4Page - Microchip Technology AN780 Datasheet HTML 5Page - Microchip Technology AN780 Datasheet HTML 6Page - Microchip Technology AN780 Datasheet HTML 7Page - Microchip Technology AN780 Datasheet HTML 8Page - Microchip Technology AN780 Datasheet HTML 9Page - Microchip Technology AN780 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN780
© 2002 Microchip Technology, Inc.
DS00780A-page 6
REFERENCE VOLTAGE CALCULATION
Now that the timing has been determined, eq3 can be used to
calculate the reference voltage:
VREF =VIN (max) TINT/TDCINT
= 1V 200mS/490mS
≈ .408V
The reference voltage does not need to be calculated very precise
since it will have to be trimmed during calibration. A
±25% adjust-
ment range is enough to make up for just about any minor
calculation error.
MICROPROCESSOR PROGRAMMING
The PIC16C62A 8-Bit microcontroller was selected but any
reasonable processor/controller will suffice. The PIC16C62A is a
28-pin part that has EPROM programmability.
CONCLUSION
The scale works extremely well. The 8X oversampling makes it
very smooth and noise-free. The response time is within one
conversion (
≈1/2 sec) for changes of 2 grams or more. Changes of
less than 2 grams are accumulated in an integrating register until
it gets to either +1 gram or –1 gram. When this happens, the current
conversion is allowed to "get through" and a new base is estab-
lished in the accumulator.
There is also a facility in the programming that allows the raw data
to be displayed. These displays show the full 17-bit conversion
results. The basic converter noise is as predicted, typically 1 to 2
counts of flicker (16-bit accuracy) with an intermittent jump of
about 3 or 4 counts (1/f noise). One count is equivalent to 1/8 gram.
The actually 60Hz power line rejection ration of the TC500A was
not measured, but judging from the 6 to 8 counts of "rolling noise"
before preloading the TC520 with 2FH, it is quite adequate.
The effect of the differential ratiometric reference was tested by
changing the supply voltage from +4V to +6V. Although there was
a 1 – 2 second delay due to unmatched time constants between
the reference and the strain gauge, the final readings were exactly
the same. This shows that the power supply rejection is better
than 100dB.
Read Format
OUT
LOAD
DIN
MSB
DCLK
READ
DCLK
LSB
Load Format
OVR POL MSB
LSB
DOUT
FIGURE 5: Serial interface protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com