Electronic Components Datasheet Search
  English  ▼

X  

AN780 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN780
Description  15-Kilogram Scale Using the TC500A and the TC520
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN780 Datasheet(HTML) 1 Page - Microchip Technology

  AN780 Datasheet HTML 1Page - Microchip Technology AN780 Datasheet HTML 2Page - Microchip Technology AN780 Datasheet HTML 3Page - Microchip Technology AN780 Datasheet HTML 4Page - Microchip Technology AN780 Datasheet HTML 5Page - Microchip Technology AN780 Datasheet HTML 6Page - Microchip Technology AN780 Datasheet HTML 7Page - Microchip Technology AN780 Datasheet HTML 8Page - Microchip Technology AN780 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AN780
DS00780A-page 1
© 2002 Microchip Technology, Inc.
15-Kilogram Scale Using the TC500A and the TC520
FIGURE 1: Functional block diagram.
INTRODUCTION
A 15kg weighing scale was designed using Microchip's TC500A
Analog Processor and the TC520 16-bit Controller. The scale is
required to resolve down to 1/8 gram and correct to within 61/2
gram. This project takes into account all aspects of a functional scale:
•
Dynamic Range
•
Strain Gauge Compensation
•
Zeroing
•
Oversampling
•
Units Conversion (kilograms to pounds)
The TC500A is an analog processor device which performs a dual-
slope analog-to-digital conversion function. All of the counting and
timing for the conversion must be controlled by an external source.
In nearly all applications, this control source is a microprocessor.
The microprocessor is programmed to monitor the status and to
control the timing of the TC500A. It must also be programmed to
count the conversion results.
Author:
Ted Dabney,
Microchip Technology, Inc.
The TC500A has no agenda of its own so it can be used to generate
slow, high resolution conversions or fast, low resolution conver-
sions. The trade-off for accuracy is about 1000 counts per millisec-
ond of integration time, i.e., 16-bits with TINT approximately equal
to 60mS. Typically, the total conversion time is about 4 times the
integration time but, with the TC500A, this is quite flexible.
TINT = CINT RINT VINT/VIN (max)
eq1
The TC520 is a digital interface device which can be used to
replace all of the TC500A timing and counting functions performed
by a microprocessor. The TC520 can use either a crystal or
external clock as a time-base to control the operation of either a
TC500 or a TC500A.
Level
Shift
Control Logic
Analog
Switch
Control
Signals
2
16
VIN–
Analog
Common
+
VREF
+
–
BUF
CAZ
Buffer
Integrator
SWR
–
SWIZ
Comp 1
Comp 2
Comp
Output
14
GND
15
11
5
10
1
3
4
6
8
9
7
12
13
B
Control Logic
SW1
TC500/TC500A
CREF
CREF
SWR
CREF
CAZ
RINT
CINT
CINT
SWRI
+
SWRI
+
SWRI
–
SWRI
SWZ
SWI
VIN
+
SWZ
VS–
VS+
–
+
+
–
–
+
Phase
Decoding
Logic
Polarity
Detection
–
+
A
B Converter State
0
0 Zero Integrator Output
0
1 Auto-zero
1
0 Signal Integrate
1
1 Deintegrate
VREF
+
SWI
A


Similar Part No. - AN780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
3-pin Positive Output Voltage Regulator 1A Type
AN7800F PANASONIC-AN7800F Datasheet
67Kb / 8P
3-pin Positive Output Voltage Regulator 1A Type
AN7800R PANASONIC-AN7800R Datasheet
52Kb / 6P
Positive Output Voltage Regulators with Reset pin 1A/500mA Type
AN7805 PANASONIC-AN7805 Datasheet
507Kb / 10P
3-pin positive output voltage regulator (1 A type)
AN7805 PANASONIC-AN7805 Datasheet
492Kb / 9P
3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN780

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5025 FAIRCHILD-AN-5025 Datasheet
377Kb / 3P
Applications Using the GTLP10B320
logo
STMicroelectronics
AN4026 STMICROELECTRONICS-AN4026 Datasheet
994Kb / 40P
using the L6563H and L6699
23-Jul-2012
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
Rev. 2
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
03-Apr-2006
AN3997 STMICROELECTRONICS-AN3997 Datasheet
174Kb / 15P
Audio playback and recording using the STM32F4DISCOVERY
27-Oct-2011
AN4031 STMICROELECTRONICS-AN4031 Datasheet
1Mb / 36P
Using the STM32F2 and STM32F4 DMA controller
04-Feb-2014
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
NEC
E120E-M NEC-E120E-M Datasheet
265Kb / 2P
The scale-out computing server
E120F-M NEC-E120F-M Datasheet
1Mb / 2P
The scale-out compute server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com