Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 56Page - Renesas Technology Corp RH850 Datasheet HTML 57Page - Renesas Technology Corp RH850 Datasheet HTML 58Page - Renesas Technology Corp RH850 Datasheet HTML 59Page - Renesas Technology Corp RH850 Datasheet HTML 60Page - Renesas Technology Corp RH850 Datasheet HTML 61Page - Renesas Technology Corp RH850 Datasheet HTML 62Page - Renesas Technology Corp RH850 Datasheet HTML 63Page - Renesas Technology Corp RH850 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 206 page
background image
3.2.10.3
Power Supply Currents for specific features
Conditions:
• See
Section 3.2.1, Operational Conditions.
Note 1.
This table shows additional current when the specific function indicated above is used.
Note 2.
Tj = 150°C
Note 3.
Tj = 160°C
Note 1.
This table shows additional current when the specific function indicated above is used.
Note 2.
Tj = 150°C
Note 3.
Tj = 160°C
Table 3.24
Current consumption for specific features (SYSVCC=VCC=3.0V~3.6V) *1
Parameter
Symbol
Condition
MIN.
TYP.
MAX.1
*2
MAX.2
*3
Unit
SVR converter
ISVR_SYS
VCC
Current of SYSVCC
-
1
5.5
7
mA
ISVR_SVR
AVCC
Current of SVRAVCC
-
5
18
23
mA
LVDS for RHSIF
ILVDS
Current of LVDVCC
-
9
20
25
mA / ch
LVDS for RHSB (0ch,
3ch)
ILVDS
Current of LVDVCC
-
10
25
30
mA / ch
LVDS for RHSB (1ch,
2ch)
ILVDS
Current of EnVCC
-
8
17
20
mA / ch
LVDS for MSPI
ILVDS
Current of EnVCC
-
10
20
25
mA / ch
RHSIF for Debug
IDEBUG
Current of JnVCC
-
9
30
35
mA
Gigabit Ethernet
IGBETH
Current of GETH0BVCC, and
GETH0PVCC
-
45
90
90
mA / ch
Table 3.25
Current consumption for specific features (SYSVCC=VCC=4.5V~5.5V) *1
Parameter
Symbol
Condition
MIN.
TYP.
MAX.1
*2
MAX.2
*3
Unit
SVR converter
ISVR_SYS
VCC
Current of SYSVCC
-
1
5.5
7
mA
ISVR_SVR
AVCC
Current of SVRAVCC
-
5
18
23
mA
LVDS for RHSIF
ILVDS
Current of LVDVCC
-
9
20
25
mA / ch
LVDS for RHSB (0ch,
3ch)
ILVDS
Current of LVDVCC
-
10
25
30
mA / ch
LVDS for RHSB (1ch,
2ch)
ILVDS
Current of EnVCC
-
8
17
20
mA / ch
LVDS for MSPI
ILVDS
Current of EnVCC
-
10
20
25
mA / ch
RHSIF for Debug
IDEBUG
Current of JnVCC
-
9
30
35
mA
Gigabit Ethernet
IGBETH
Current of GETH0BVCC, and
GETH0PVCC
-
45
90
90
mA / ch
RH850/U2B
Section 3 Electrical Characteristics
Page
60 of 206
R01DS0492EJ0100 Rev.1.00
Mar.31.2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com