Electronic Components Datasheet Search
  English  ▼

X  

RH850 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # RH850
Description  Renesas microcontroller
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RH850 Datasheet HTML 93Page - Renesas Technology Corp RH850 Datasheet HTML 94Page - Renesas Technology Corp RH850 Datasheet HTML 95Page - Renesas Technology Corp RH850 Datasheet HTML 96Page - Renesas Technology Corp RH850 Datasheet HTML 97Page - Renesas Technology Corp RH850 Datasheet HTML 98Page - Renesas Technology Corp RH850 Datasheet HTML 99Page - Renesas Technology Corp RH850 Datasheet HTML 100Page - Renesas Technology Corp RH850 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 206 page
background image
3.3.7.2
Interrupt, Wake-up and Error Input Timing
Conditions:
• See
Section 3.3.1, AC Characteristic Measurement Condition.
Note 1.
S: Number of sampling times
fs: The value given by following formula
fDNFCK: frequency of CLK_LSB
PRS: 1, 2, 4, 8, … , 128
Note 2.
Input pulses between min. and max. value result in an undefined signal condition (i.e. pulses might be
filtered out or not). This characteristic is not tested in production.
Note 3.
Edge Detection or Level Detection (CLKA_LPS is operated by CLK_HSIOSC/20)
Note 4.
Level Detection (CLK_LPS is operated by CLK_LSIOSC)
Table 3.55
Interrupt Timing
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
NMI input high level width
tWNIH
*3
600
ns
*4
20
μs
NMI input low level width
tWNIL
*3
600
ns
*4
20
μs
NMI pulse rejection width*2
tWNIRJ
100
600
ns
IRQn input high level width
tWITH
*3
600
ns
*4
20
μs
IRQn input low level width
tWITL
*3
600
ns
*4
20
μs
IRQn pulse rejection width*2
tWIRJ
100
600
ns
RLIN3nRX wake-up input high level width
tWRLINH
(S + 1) x 1/fs*1
ns
RLIN3nRX wake-up input low level width
tWRLINL
(S + 1) x 1/fs*1
ns
RLIN3nRX wake-up pulse rejection width*2
tWRLINRJ
(S – 1) x 1/fs*1
(S + 1) x 1/fs*1
ns
CANnRX wake-up input high level width
tWCANH
(S + 1) x 1/fs*1
ns
CANnRX wake-up input low level width
tWCANL
(S + 1) x 1/fs*1
ns
CANnRX wake-up pulse rejection width*2
tWCANRJ
(S – 1) x 1/fs*1
(S + 1) x 1/fs*1
ns
FLXnRXDA wake-up input high level width
tWFLXH
(S + 1) x 1/fs*1
ns
FLXnRXDA wake-up input low level width
tWFLXL
(S + 1) x 1/fs*1
ns
FLXnRXDA wake-up pulse rejection width*2
tWFLXRJ
(S – 1) x 1/fs*1
(S + 1) x 1/fs*1
ns
ERRORINn wake-up input high level width
tWERRH
(S + 1) x 1/fs*1
ns
ERRORINn wake-up input low level width
tWERRL
(S + 1) x 1/fs*1
ns
ERRORINn wake-up pulse rejection width*2
tWERRRJ
(S – 1) x 1/fs*1
(S + 1) x 1/fs*1
ns
fs
fDNFCK
PRS
-----------------
=
RH850/U2B
Section 3 Electrical Characteristics
R01DS0492EJ0100 Rev.1.00
Mar.31.2025
Page
97 of 206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com