Electronic Components Datasheet Search
  English  ▼

X  

FL591 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # FL591
Description  Laser Diode Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

FL591 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  FL591 Datasheet HTML 1Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 2Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 3Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 4Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 5Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 6Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 7Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 8Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2020
www.teamWavelength.com
5
FL591FL LASER DIODE DRIVER
Table 2. Monitor Transfer Functions
FUNCTION
OUTPUT
CONFIGURATION
TRANSFER
NOTE
Current Output Monitor,
I
MON1 and IMON2
Separate
0.125 A / V
The voltage on I
MONx is proportional to the current
output on that channel
Current Output Monitor,
I
MON1 + IMON2
Parallel
When operating the FL591FL as a single channel 500 mA driver,
monitor the output current on both I
MON1 and IMON2. The total output
current monitor voltage is determined by summing the voltage
measured on both monitors, using the equation:
I
LD = (VIMON1 + VIMON2) * 0.125
Current Limit Monitor,
I
LIM1 and ILIM2
Separate
0.125 A / V
Adjust I
LIM1 and ILIM2 to set the current limit on each
channel. See
page 9.
Current Limit Monitor, I
LIM1
Parallel
0.250 A / V
Adjust only I
LIM1 to set the current limit when the
FL591FL is operated in parallel-output mode.
See
page 9.
Power Monitor,
P
MON1 and PMON2
Separate
500 μA / V 1
The voltage on P
MONx is proportional to the
photodiode current on that channel.
Power Monitor, P
MON1
Parallel
500 μA / V 1
When operating the FL591FL as a single channel
500 mA driver, the photodiode current is monitored
on P
MON1.
1. The photodiode feedback transfer function can be changed. See
page 12 for details.
Table 3. Setpoint Transfer Functions
OPERATING
MODE
INPUT
CONFIG.
OUTPUT
CONFIG.
V
SETTRANSFER
FUNCTION
NOTES
Constant
Current
One
Separate
0.125 A / V
Measure the voltage on the V
SET1 testpoint; adjust the VSET1
trimpot to set the output current on both channels. The V
SET2
trimpot is not used.
Parallel
0.250 A / V
Measure the voltage on the V
SET1 testpoint; adjust the VSET1
trimpot to set the output current on both channels. The V
SET2
trimpot is not used.
Two
Separate
0.125 A / V
Measure the voltage on the V
SET1 and VSET2 testpoints; adjust the
V
SET1 and VSET2 trimpots to set the output current level for each
channel.
Parallel
0.125 A / V
The V
SET1 and VSET2 voltages drive each channel independently.
The output currents sum. Measure the voltages on the V
SET1
and V
SET2 testpoints separately, and add them to determine the
effective output current.
Constant
Power
One
Separate
500 μA / V 1
Measure the voltage on the V
SET1 testpoint; adjust the VSET1
trimpot to set the photodiode current setpoint. The V
SET2 trimpot is
not used.
Parallel
500 μA / V 1
Measure the voltage on the V
SET1 testpoint; adjust the VSET1
trimpot to set the photodiode current setpoint. The V
SET2 trimpot is
not used.
Two
Separate
500 μA / V 1
Measure the voltage on the V
SET1 and VSET2 testpoints; adjust the
V
SET1 and VSET2 trimpots to set the photodiode setpoint for each
channel.
Parallel
__
This configuration is not allowed.
1. The photodiode feedback transfer function can be changed. See
page 12 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com