Electronic Components Datasheet Search
  English  ▼

X  

FL591 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # FL591
Description  Laser Diode Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

FL591 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  FL591 Datasheet HTML 1Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 2Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 3Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 4Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 5Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 6Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 7Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 8Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ORDERING INFORMATION
PART NO
DESCRIPTION
FL591FL
Evaluation board with FL500
EASY SETUP SAVES YOU TIME
The FL591FL allows you to quickly and easily prototype your
laser diode driver system using our popular FL500 laser
diode driver chip.
The FL591FL can be configured to drive a single 500 mA
output, or two 250 mA independent outputs by setting
onboard jumpers. The drivers operate in Constant Current
or Constant Power modes.
Onboard current setpoint and limit trimpots mean no external
electronics are required to operate the drivers. Simply
connect the power supply and laser diodes, and you’re ready
to go.
ACCURATELY PROTOTYPE YOUR
LASER CONTROL SYSTEM
The FL591FL features low-noise electronics and low
quiescent current, and the feedback and monitor signals
allow you to accurately characterize your laser controller.
You can transfer the FL500 prototype configuration directly
to your custom laser control system with no surprises.
The FL500 is commonly used in hand-held, portable, and
space constrained applications. The small size and light
weight makes the FL500 ideal for airborne applications,
and the dual-channel output is perfect for sighting-and-
detection applications.
FEATURES AND BENEFITS
• Accurately and efficiently characterize the FL500
in your application environment
• Includes FL500 Laser Driver chip already installed
• Utilizes all the safety features of the FL500
»
Adjustable current limits
»
Slow-start laser diode protection
»
Brownout protection
• Onboard trimpots adjust output current and
current limits
• Drive two independent 250 mA channels or a
single 500 mA output
• Switches set the operating mode to Constant
Current or Constant Power
• Operates Type A and Type B Laser Diodes
• Output Enable switch, LED status indicators
• Power and Output cables included
CONTENTS
QUICK CONNECT GUIDE
2
PIN DESCRIPTIONS
4
ELECTRICAL SPECIFICATIONS
6
SAFETY INFORMATION
7
OPERATING INSTRUCTIONS
8
TROUBLESHOOTING
11
TECHNICAL SUPPORT INFORMATION
12
MECHANICAL SPECIFICATIONS
17
CERTIFICATION AND WARRANTY
18
e Pb
RoHS
PAGE
Applies to Product Revisions A through C
© August 2020
A
Laser Type
B
Laser Type
406-587-4910
www.teamWavelength.com
FL591FL
Laser Diode Driver
DATASHEET AND OPERATING GUIDE


Similar Part No. - FL591

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
FL591FL WAVELENGTH-FL591FL Datasheet
115Kb / 5P
TEST LOAD BASICS
January, 2014
FL591FL WAVELENGTH-FL591FL Datasheet
1Mb / 14P
Single 500 mA or Dual 250 mA Channel Laser Diode Driver
July 2025
More results

Similar Description - FL591

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
Laser Diode Driver
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com